Electronic Components Datasheet Search
  English  ▼

X  

UM0290 Datasheet(PDF) 16 Page - STMicroelectronics

Part # UM0290
Description  This document presents a description
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0290 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button UM0290 Datasheet HTML 12Page - STMicroelectronics UM0290 Datasheet HTML 13Page - STMicroelectronics UM0290 Datasheet HTML 14Page - STMicroelectronics UM0290 Datasheet HTML 15Page - STMicroelectronics UM0290 Datasheet HTML 16Page - STMicroelectronics UM0290 Datasheet HTML 17Page - STMicroelectronics UM0290 Datasheet HTML 18Page - STMicroelectronics UM0290 Datasheet HTML 19Page - STMicroelectronics UM0290 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 76 page
background image
STR7/STR9 USB firmware library
UM0290
16/76
Description of the structure fields:
–
USBbmRequestType is the copy of bmRequestType of a setup packet
–
USBbRequest is the copy of bRequest of a setup packet
–
USBwValues is defined as type: WORD_BYTE and can be accessed through 3
macros:
#define USBwValue USBwValues.w
#define USBwValue0 USBwValues.bw.bb0
#define USBwValue1 USBwValues.bw.bb1
USBwValue is the copy of wValue of a setup packet
USBwValue0 is the low byte of wValue, and USBwValue1 is the high byte of
wValue.
–
USBwIndexs is defined as USBwValues and can be accessed by 3 macros:
#define USBwIndex USBwIndexs.w
#define USBwIndex0 USBwIndexs.bw.bb0
#define USBwIndex1 USBwIndexs.bw.bb1
USBwIndex is the copy of wIndex of a setup packet
USBwIndex0 is the low byte of wIndex, and USBwIndex1 is the high byte of
wIndex.
–
USBwLengths is defined as type: WORD_BYTE and can be accessed through 3
macros:
#define USBwLength USBwLengths.w
#define USBwLength0 USBwLengths.bw.bb0
#define USBwLength1 USBwLengths.bw.bb1
USBwLength is the copy of wLength of a setup packet
USBwLength0 and USBwLength1 are the low and high bytes of wLength
respectively.
–
ControlState is the state of the core, the available values are defined in
CONTROL_STATE.
–
Current_Feature is the device feature at any time. It is affected by the
SET_FEATURE and CLEAR_FEATURE requests and is retrieved by the
GET_STATUS request. User code does not use this field.
–
Current_Configuration is the configuration the device is working on at any time.
It is set and retrieved by the SET_CONFIGURATION and GET_CONFIGURATION
requests respectively.
–
Current_Interface is the selected interface.
–
Current_Alternatesetting is the alternative setting which has been selected for
the current working configuration and interface. It is set and retrieved by the
SET_INTERFACE and GET_INTERFACE requests respectively.
–
Ctrl_Info has type ENDPOINT_INFO.
Since this structure is used everywhere in the library, a global variable
pInformation is defined for easy access to the Device_Info table, it is a pointer to
the DEVICE_INFO structure.
Actually, pInformation = &Device_Info.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com