Electronic Components Datasheet Search
  English  ▼

X  

UM0290 Datasheet(PDF) 20 Page - STMicroelectronics

Part # UM0290
Description  This document presents a description
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0290 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button UM0290 Datasheet HTML 16Page - STMicroelectronics UM0290 Datasheet HTML 17Page - STMicroelectronics UM0290 Datasheet HTML 18Page - STMicroelectronics UM0290 Datasheet HTML 19Page - STMicroelectronics UM0290 Datasheet HTML 20Page - STMicroelectronics UM0290 Datasheet HTML 21Page - STMicroelectronics UM0290 Datasheet HTML 22Page - STMicroelectronics UM0290 Datasheet HTML 23Page - STMicroelectronics UM0290 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 76 page
background image
STR7/STR9 USB firmware library
UM0290
20/76
2.
Device table implementation
Description of the structure fields:
–
Total_Endpoint is the number of endpoints the USB application uses.
–
Total_Configuration is the number of configurations the USB application has.
3.
USER_STANDARD_REQUEST implementation
This structure is used to manage the user implementation after receiving all standard
requests (except Get descriptors). The fields of this structure are:
–
void (*User_GetConfiguration)(void): Called after receiving the Get
Configuration Standard request.
–
void (*User_SetConfiguration)(void): Called after receiving the Set
Configuration Standard request.
–
void (*User_GetInterface)(void): Called after receiving the Get interface
Standard request.
–
void (*User_SetInterface)(void): Called after receiving the Set interface
Standard request.
–
void (*User_GetStatus)(void): Called after receiving the Get interface Standard
request.
–
void (*User_ClearFeature)(void): Called after receiving the Clear Feature
Standard request.
–
void (*User_SetEndPointFeature)(void): Called after receiving the set Feature
Standard request (only for endpoint recipient).
–
void (*User_SetDeviceFeature)(void): Called after receiving the set Feature
Standard request (only for Device recipient).
–
void (*User_SetDeviceAddress)(void): Called after receiving the set Address
Standard request.
1.3.5
usb_pwr (.c , .h)
This module manages the power management of the USB device it provides the following
functions:
Table 4.
Power management functions
Function Name
Description
RESULT Power_on(void)
Handles switch on conditions
RESULT Power_off(void)
Handles switch off conditions
void Suspend(void)
Sets suspend mode operation conditions
void Resume(RESUME_STATE
eResumeSetVal)
Handles wake-up operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com