Electronic Components Datasheet Search
  English  ▼

X  

LT3436 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3436
Description  3A, 800kHz Step-Up Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3436 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3436 Datasheet HTML 3Page - Linear Technology LT3436 Datasheet HTML 4Page - Linear Technology LT3436 Datasheet HTML 5Page - Linear Technology LT3436 Datasheet HTML 6Page - Linear Technology LT3436 Datasheet HTML 7Page - Linear Technology LT3436 Datasheet HTML 8Page - Linear Technology LT3436 Datasheet HTML 9Page - Linear Technology LT3436 Datasheet HTML 10Page - Linear Technology LT3436 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT3436
3436fa
The recommended minimum inductance is:
L
VV
V
VI
f
MIN
IN
OUT
IN
OUT
OUT
=
() (
–
)
. (
) (
)( )
2
2
04
The inductor value may need further adjustment for other
factors such as output voltage ripple and filtering require-
ments. Remember also, inductance can drop significantly
with DC current and manufacturing tolerance.
The inductor must have a rating greater than its peak
operating current to prevent saturation resulting in effi-
ciency loss. Peak inductor current is given by:
I
VI
V
VV
V
VL f
LPEAK
OUT
OUT
IN
IN OUT
IN
OUT
=+
−
()(
)
•
()
()( )
η
2
Also, consideration should be given to the DC resistance
of the inductor. Inductor resistance contributes directly to
the efficiency losses in the overall converter.
Suitable inductors are available from Coilcraft, Coiltronics,
Dale, Sumida, Toko, Murata, Panasonic and other manu-
factures.
Table 2
PART
VALUE
ISAT(DC)
DCR
HEIGHT
NUMBER
(
µH)
(Amps)
(
Ω)
(mm)
Coilcraft
DO1608C-222
2.2
2.4
0.07
2.9
Sumida
CDRH3D16-1R5
1.5
1.6
0.043
1.8
CDRH4D18-1R0
1.0
1.7
0.035
2.0
CDC5D23-2R2
2.2
2.2
0.03
2.5
CR43-1R4
1.4
2.5
0.056
3.5
CDRH5D28-2R6
2.6
2.6
0.013
3.0
CDRH6D38-3R3
3.3
3.5
0.02
4.0
CDRH6D28-3R0
3.0
3.0
0.024
3.0
Toko
(D62F)847FY-2R4M
2.4
2.5
0.037
2.7
(D73LF)817FY-2R2M
2.2
2.7
0.03
3.0
APPLICATIONS INFORMATION
INDUCTOR CHOICE AND MAXIMUM OUTPUT
CURRENT
When choosing an inductor, there are 2 conditions that
limit the minimum inductance; required output current,
and avoidance of subharmonic oscillation. The maximum
output current for the LT3436 in a standard boost con-
verter configuration with an infinitely large inductor is:
IA
V
V
OUT MAX
IN
OUT
()
•
= 3
η
Where
η = converter efficiency (typically 0.87 at high
current).
As the value of inductance is reduced, ripple current
increases and IOUT(MAX) is reduced. The minimum induc-
tance for a required output current is given by:
L
VV
V
Vf
VI
V
MIN
IN OUT
IN
OUT
OUT
OUT
IN
=
⎛
⎝⎜
⎞
⎠⎟
(–
)
()
–
()(
)
•
23
η
The second condition, avoidance of subharmonic oscilla-
tion, must be met if the operating duty cycle is greater than
50%. The slope compensation circuit within the LT3436
prevents subharmonic oscillation for inductor ripple cur-
rents of up to 1.4AP-P, defining the minimum inductor
value to be:
L
VV
V
Vf
MIN
IN OUT
IN
OUT
=
(–
)
.( )
14
These conditions define the absolute minimum induc-
tance. However, it is generally recommended that to
prevent excessive output noise, and difficulty in obtaining
stability, the ripple current is no more than 40% of the
average inductor current. Since inductor ripple is:
I
VV
V
VL f
P P RIPPLE
IN OUT
IN
OUT
−
=
(–
)
()( )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com