Electronic Components Datasheet Search
  English  ▼

X  

LT3436 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3436
Description  3A, 800kHz Step-Up Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3436 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3436 Datasheet HTML 8Page - Linear Technology LT3436 Datasheet HTML 9Page - Linear Technology LT3436 Datasheet HTML 10Page - Linear Technology LT3436 Datasheet HTML 11Page - Linear Technology LT3436 Datasheet HTML 12Page - Linear Technology LT3436 Datasheet HTML 13Page - Linear Technology LT3436 Datasheet HTML 14Page - Linear Technology LT3436 Datasheet HTML 15Page - Linear Technology LT3436 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT3436
3436fa
LT3436
VIN
GND
VIN**
4V TO 9V
VC
FB
LT3436 • TA03
VSW
SHDN
C1
4.7
µF
20V
C4
15nF
C5
470pF
R1
2.2k
R3
10k
1%
R2
31.6k
1%
VOUT
†
5V
C3
47
µF
10V
ON
OFF
L1A*
15
µH
•
•
L1B*
15
µH
C2
4.7
µF
COILTRONICS CTX15-4
INPUT VOLTAGE MAY BE GREATER OR
LESS THAN OUTPUT VOLTAGE
D1
B220A
VIN
4V
5V
6V
7V
9V
IOUT
0.84A
1.03A
1.18A
1.29A
1.50A
†MAX I
OUT
*
**
+
+
4V-9VIN to 5VOUT SEPIC Converter**
TYPICAL APPLICATIO S
Boost Converter Drives Luxeon III 1A 3.6V White LED with 70% Efficiency
VIN
FB
VC
SYNC
GND
GND
3436 TA03b
SW
SHDN
0.1
µF
Q1
Q2
VOUT = VIN + VLED
VOUT
VIN
GND
VIN
3.3V TO 4.2V
LT3436
UPS120
L1
0.05
Ω
1%
1A CONSTANT CURRENT
Q1: MMBT2222A
Q2: FMMT3906
L1: CDRH6D28-3R0
LXHL-PW09 EMITTER
4.7
µF
X5R
6.3V
CERAMIC
22
µF
X5R
10V
CERAMIC
1.21k
1%
4.99k
78.7k
49.9
Ω
1%
8.2k
–
+
LED ON
LT1783



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com