Electronic Components Datasheet Search
  English  ▼

X  

LT3436 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3436
Description  3A, 800kHz Step-Up Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3436 Datasheet(HTML) 1 Page - Linear Technology

  LT3436 Datasheet HTML 1Page - Linear Technology LT3436 Datasheet HTML 2Page - Linear Technology LT3436 Datasheet HTML 3Page - Linear Technology LT3436 Datasheet HTML 4Page - Linear Technology LT3436 Datasheet HTML 5Page - Linear Technology LT3436 Datasheet HTML 6Page - Linear Technology LT3436 Datasheet HTML 7Page - Linear Technology LT3436 Datasheet HTML 8Page - Linear Technology LT3436 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT3436
3436fa
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
3A, 800kHz Step-Up
Switching Regulator
■ Constant 800kHz Switching Frequency
■
Wide Operating Voltage Range: 3V to 25V
■ High Efficiency 0.1
Ω/3A Switch
■ 1.2V Feedback Reference Voltage
■
±2% Overall Output Voltage Tolerance
■ Uses Low Profile Surface Mount External
Components
■
Low Shutdown Current: 11
µA
■ Synchronizable from 1MHz to 1.4MHz
■ Current-Mode Control
■
Constant Maximum Switch Current Rating
at All Duty Cycles*
■ Available in a Small Thermally Enhanced
TSSOP-16 Package
The LT
®3436 is an 800kHz monolithic boost switching
regulator. A high efficiency 3A, 0.1
Ω switch is included on
the die together with all the control circuitry required to
complete a high frequency, current-mode switching regu-
lator. Current-mode control provides fast transient re-
sponse and excellent loop stability.
New design techniques achieve high efficiency at high
switching frequencies over a wide operating range. A low
dropout internal regulator maintains consistent perfor-
mance over a wide range of inputs from 24V systems to Li-
Ion batteries. An operating supply current of 1mA main-
tains high efficiency, especially at lower output currents.
Shutdown reduces quiescent current to 11
µA. Maximum
switch current remains constant at all duty cycles. Syn-
chronization capability allows an external logic level signal
to increase the internal oscillator from 1MHz to 1.4MHz.
Full cycle-by-cycle switch current limit protection and ther-
mal shutdown are provided. High frequency operation al-
lows the reduction of input and output filtering components
and permits the use of tiny chip inductors. The LT3436 is
available in an exposed pad, 16-pin TSSOP package.
■ DSL Modems
■ Portable Computers
■ Battery-Powered Systems
■ Distributed Power
Efficiency vs Load Current
5V to 12V Boost Converter
LT3436
VIN
OUTPUT
12V
0.9A†
INPUT
5V
3436 TA01
10nF
470pF
4.7k
10k
1%
90.9k
B220A
22
µF
CERAMIC
4.7
µF
CERAMIC
VSW
FB
SHDN
OPEN
OR
HIGH
= ON
GND
VC
SYNC
†MAXIMUM OUTPUT CURRENT IS SUBJECT TO THERMAL DERATING.
3.9
µH
LOAD CURRENT (A)
3436 TA01b
90
85
80
75
70
65
60
0
0.2
0.4
0.5
0.1
0.3
0.6
0.7
0.8
VIN = 5V
VOUT = 12V
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
*Protectd by U.S. Patents including 6535042, 6611131, 6498466


Similar Part No. - LT3436

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3436 LINER-LT3436 Datasheet
180Kb / 16P
3A, 800kHz Step-Up Switching Regulator
LT3436 LINER-LT3436 Datasheet
274Kb / 28P
Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT3436EFE LINER-LT3436EFE Datasheet
180Kb / 16P
3A, 800kHz Step-Up Switching Regulator
More results

Similar Description - LT3436

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8435 SII-S-8435 Datasheet
2Mb / 42P
STEP-UP SWITCHING REGULATOR
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576 Datasheet
141Kb / 7P
3A Step Down Switching Voltage Regulator
logo
Semtech Corporation
SC4519 SEMTECH-SC4519 Datasheet
278Kb / 15P
600kHz, 3A Step-Down Switching Regulator
SC4519H SEMTECH-SC4519H_07 Datasheet
285Kb / 14P
600kHz, 3A Step-Down Switching Regulator
logo
Linear Technology
LT3436 LINER-LT3436 Datasheet
180Kb / 16P
3A, 800kHz Step-Up Switching Regulator
logo
New Japan Radio
NJU7678 NJRC-NJU7678 Datasheet
150Kb / 9P
Internal 60V, 3A MOSFET Step-Up / Flyback Switching Regulator IC
logo
HTC Korea TAEJIN Techno...
TJ4519 HTC-TJ4519 Datasheet
533Kb / 11P
600kHz 3A Step-Down Switching Regulator
logo
Richtek Technology Corp...
RT7257G RICHTEK-RT7257G Datasheet
277Kb / 15P
3A, 18V, 800kHz Synchronous Step-Down Converter
RT7297C RICHTEK-RT7297C Datasheet
289Kb / 15P
3A, 18V, 800kHz Synchronous Step-Down Converter
logo
Infineon Technologies A...
IR3883MTRPBF INFINEON-IR3883MTRPBF Datasheet
3Mb / 43P
800kHz 3A EaSy SupIRBuck짰 Synchronous Buck Regulator
Rev 3.0, 08/20/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com