Electronic Components Datasheet Search
  English  ▼

X  

LT3436 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3436
Description  3A, 800kHz Step-Up Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3436 Datasheet(HTML) 3 Page - Linear Technology

  LT3436 Datasheet HTML 1Page - Linear Technology LT3436 Datasheet HTML 2Page - Linear Technology LT3436 Datasheet HTML 3Page - Linear Technology LT3436 Datasheet HTML 4Page - Linear Technology LT3436 Datasheet HTML 5Page - Linear Technology LT3436 Datasheet HTML 6Page - Linear Technology LT3436 Datasheet HTML 7Page - Linear Technology LT3436 Datasheet HTML 8Page - Linear Technology LT3436 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT3436
3436fa
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LT3436E is guaranteed to meet performance specifications
from 0
°C to 125°C. Specifications over the –40°C to 125°C operating
junction temperature range are assured by design, characterization and
correlation with statistical process controls.
Note 3: Minimum input voltage is defined as the voltage where the internal
regulator enters lockout. Actual minimum input voltage to maintain a
regulated output will depend on output voltage and load current. See
Applications Information.
TYPICAL PERFORMANCE CHARACTERISTICS
FB Voltage
Switch On Voltage Drop
Oscillator Frequency
SHDN Input Current
SHDN Threshold
SHDN Supply Current
ELECTRICAL CHARACTERISTICS
TEMPERATURE (
°C)
–50
100
3436 G01
050
1.220
1.215
1.210
1.205
1.200
1.195
1.190
1.185
1.180
–25
25
75
125
SWITCH CURRENT (A)
0
0.5
1.0
1.5
2.0
3436 G02
2.5
500
450
400
350
300
250
200
150
100
50
0
3.0
TEMPERATURE (
°C)
–50
100
3436 G03
050
920
890
860
830
800
770
740
710
680
–25
25
75
125
1.40
1.38
1.36
1.34
1.32
1.30
3436 G04
INPUT VOLTAGE (V)
14
12
10
8
6
4
2
0
3436 G05
0
5
10
15
20
25
30
TEMPERATURE (
°C)
–50
–12
–10
–8
–6
–4
–2
0
25
75
3436 G06
–25
0
50
100
125
TA = 125°C
TA = 25°C
TA = –40°C
TEMPERATURE (
°C)
–50
100
050
–25
25
75
125
TA = 25°C
SHDN = 0V
SHUTTING DOWN
STARTING UP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com