Electronic Components Datasheet Search
  English  ▼

X  

LT3436 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3436
Description  3A, 800kHz Step-Up Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3436 Datasheet(HTML) 2 Page - Linear Technology

  LT3436 Datasheet HTML 1Page - Linear Technology LT3436 Datasheet HTML 2Page - Linear Technology LT3436 Datasheet HTML 3Page - Linear Technology LT3436 Datasheet HTML 4Page - Linear Technology LT3436 Datasheet HTML 5Page - Linear Technology LT3436 Datasheet HTML 6Page - Linear Technology LT3436 Datasheet HTML 7Page - Linear Technology LT3436 Datasheet HTML 8Page - Linear Technology LT3436 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT3436
3436fa
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
Recommended Operating Voltage
●
325
V
Maximum Switch Current Limit
●
346
A
Oscillator Frequency
3.3V < VIN < 25V
●
640
800
960
kHz
Switch On Voltage Drop
ISW = 3A
●
330
550
mV
VIN Undervoltage Lockout
(Note 3)
●
2.47
2.6
2.73
V
VIN Supply Current
ISW = 0A
●
1
1.3
mA
VIN Supply Current/ISW
ISW = 3A
15
mA/A
Shutdown Supply Current
VSHDN = 0V, VIN = 25V, VSW = 25V
11
25
µA
●
45
µA
Feedback Voltage
3V < VIN < 25V, 0.4V < VC < 0.9V
1.182
1.2
1.218
V
●
1.176
1.224
V
FB Input Current
●
0
– 0.2
– 0.4
µA
FB to VC Voltage Gain
0.4V < VC < 0.9V
150
350
FB to VC Transconductance
∆IVC = ±10µA
●
500
850
1300
µMho
VC Pin Source Current
VFB = 1V
●
– 85
– 120
– 165
µA
VC Pin Sink Current
VFB = 1.4V
●
70
110
165
µA
VC Pin to Switch Current Transconductance
4.8
A/V
VC Pin Minimum Switching Threshold
Duty Cycle = 0%
0.3
V
VC Pin 3A ISW Threshold
0.9
V
Maximum Switch Duty Cycle
VC = 1.2V, ISW = 350mA
85
90
%
VC = 1.2V, ISW = 1A
●
80
%
SHDN Threshold Voltage
●
1.28
1.35
1.42
V
SHDN Input Current (Shutting Down)
SHDN = 60mV Above Threshold
●
–7
–10
–13
µA
SHDN Threshold Current Hysteresis
SHDN = 100mV Below Threshold
4
7
10
µA
SYNC Threshold Voltage
1.5
2.2
V
SYNC Input Frequency
1
1.4
MHz
SYNC Pin Resistance
ISYNC = 1mA
20
k
Ω
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
PACKAGE/ORDER INFORMATION
Input Voltage .......................................................... 25V
Switch Voltage ......................................................... 35V
SHDN Pin ............................................................... 25V
FB Pin Current ....................................................... 1mA
SYNC Pin Current .................................................. 1mA
Operating Junction Temperature Range (Note 2)
LT3436E .......................................... – 40
°C to 125°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
ORDER PART NUMBER
(Note 1)
TJMAX = 125°C, θJA = 45°C/W,
θJC(PAD) = 10°C/W
Consult LTC Marketing for parts specified with wider operating temperature ranges.
3436EFE
FE PART MARKING
LT3436EFE
The
● denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. VIN = 15V, VC = 0.8V, SHDN, SYNC and switch open unless otherwise noted.
FE PACKAGE
16-LEAD PLASTIC TSSOP
EXPOSED PAD IS GND (PIN 17),
MUST BE SOLDERED TO PCB
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
GND
VIN
SW
SW
GND
GND
NC
GND
GND
NC
SYNC
VC
FB
SHDN
NC
GND
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com