Electronic Components Datasheet Search
  English  ▼

X  

LT3436 Datasheet(PDF) 8 Page - Linear Technology

Part # LT3436
Description  3A, 800kHz Step-Up Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3436 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3436 Datasheet HTML 4Page - Linear Technology LT3436 Datasheet HTML 5Page - Linear Technology LT3436 Datasheet HTML 6Page - Linear Technology LT3436 Datasheet HTML 7Page - Linear Technology LT3436 Datasheet HTML 8Page - Linear Technology LT3436 Datasheet HTML 9Page - Linear Technology LT3436 Datasheet HTML 10Page - Linear Technology LT3436 Datasheet HTML 11Page - Linear Technology LT3436 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT3436
3436fa
APPLICATIONS INFORMATION
shutdown pin can be used. The threshold voltage of the
shutdown pin comparator is 1.35V. A 3
µA internal current
source defaults the open pin condition to be operating (see
Typical Performance Graphs). Current hysteresis is added
above the SHDN threshold. This can be used to set voltage
hysteresis of the UVLO using the following:
R
VV
A
R
V
VV
R
A
HL
H
1
7
2
135
135
1
3
=
−
µ
=
−
()
+µ
.
.
VH – Turn-on threshold
VL – Turn-off threshold
Example: switching should not start until the input is
above 4.75V and is to stop if the input falls below 3.75V.
VH = 4.75V
VL = 3.75V
R
VV
A
k
R
V
VV
k
A
k
1
475
3 75
7
143
2
135
475
1 35
143
3
50 4
=
−
µ
=
=
−
()
+µ
=
..
.
..
.
Keep the connections from the resistors to the SHDN pin
short and make sure that the interplane or surface capaci-
tance to the switching nodes are minimized. If high resis-
tor values are used, the SHDN pin should be bypassed with
a 1nF capacitor to prevent coupling problems from the
switch node.
CATCH DIODE
The suggested catch diode (D1) is a B220A Schottky. It is
rated at 2A average forward current and 20V reverse
voltage. Typical forward voltage is 0.5V at 2A. The diode
conducts current only during switch off time. Peak reverse
voltage is equal to regulator output voltage. Average
forward current in normal operation is equal to output
current.
SHUTDOWN AND UNDERVOLTAGE LOCKOUT
Figure 4 shows how to add undervoltage lockout (UVLO)
to the LT3436. Typically, UVLO is used in situations where
the input supply is
current limited, or has a relatively high
source resistance. A switching regulator draws constant
power from the source, so source current increases as
source voltage drops. This looks like a negative resistance
load to the source and can cause the source to current limit
or latch low under low source voltage conditions. UVLO
prevents the regulator from operating at source voltages
where these problems might occur.
Figure 4. Undervoltage Lockout
1.35V
GND
INPUT
R1
3436 F04
SHDN
VCC
IN
LT3436
3
µA
R2
C1
7
µA
An internal comparator will force the part into shutdown
below the minimum VIN of 2.6V. This feature can be used
to prevent excessive discharge of battery-operated sys-
tems. If an adjustable UVLO threshold is required, the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com