Electronic Components Datasheet Search
  English  ▼

X  

LT3487 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3487
Description  Boost and Inverting Switching Regulator for CCD Bias
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3487 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3487 Datasheet HTML 3Page - Linear Technology LT3487 Datasheet HTML 4Page - Linear Technology LT3487 Datasheet HTML 5Page - Linear Technology LT3487 Datasheet HTML 6Page - Linear Technology LT3487 Datasheet HTML 7Page - Linear Technology LT3487 Datasheet HTML 8Page - Linear Technology LT3487 Datasheet HTML 9Page - Linear Technology LT3487 Datasheet HTML 10Page - Linear Technology LT3487 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LT3487
7
3487f
BLOCK DIAGRA
Figure 1. Block Diagram
A2
A3
VCN
A4
A1
49.2k
VCP
R
X1
SQ
DP
Q1
Q3
DN
DISCONNECT
PNP
ANTISAT
RAMP
GENERATOR
2MHz
OSCILLATOR
1.25V
CAP
C5
VPOS
VBAT
C4
SWP
VBAT
L1
R
Q2
X2
SQ
+
3
10
GND
11
SWN
VBAT
4
DN
5
1
2
R1
RAMP
GENERATOR
C2
VNEG
3487 BD
C3
L2
L3
+
160mV
49.2k
1.4
µA
VIN
VBAT
VREF
1.23V
6
FBP
CAP
9
RUN/SS
8
FBN
VNEG
7
C1
C6
M1
RUN
R2
C7
–
+
Σ
Σ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com