Electronic Components Datasheet Search
  English  ▼

X  

LT3487 Datasheet(PDF) 6 Page - Linear Technology

Part # LT3487
Description  Boost and Inverting Switching Regulator for CCD Bias
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3487 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3487 Datasheet HTML 2Page - Linear Technology LT3487 Datasheet HTML 3Page - Linear Technology LT3487 Datasheet HTML 4Page - Linear Technology LT3487 Datasheet HTML 5Page - Linear Technology LT3487 Datasheet HTML 6Page - Linear Technology LT3487 Datasheet HTML 7Page - Linear Technology LT3487 Datasheet HTML 8Page - Linear Technology LT3487 Datasheet HTML 9Page - Linear Technology LT3487 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LT3487
6
3487f
PI FU CTIO S
CAP (Pin 1): Disconnect-PNP Emitter and Positive Schottky
Cathode. Acts as an intermediate positive (boost) output.
Connect boost output capacitor to this pin.
SWP (Pin 2): Switch Pin and Schottky Anode for Positive
Channel. Connect boost inductor to this pin.
VBAT (Pin 3): Battery Voltage. Connect this pin to the sup-
ply voltage for the boost inductor. The disconnect drive
current is returned to this pin. The disconnect operates
until CAP falls to 1.2V above VBAT.
SWN (Pin 4): Switch Pin for Negative (Inverter) Chan-
nel. Connect inverter input inductor and flying capacitor
here.
DN (Pin 5): Anode of Internal Schottky for Inverter. Connect
inverter output inductor and flying capacitor here.
VIN (Pin 6): Input Supply Pin. VIN is used to power the
control circuitry of the LT3487. This pin must be locally
bypassed with an X5R or X7R type ceramic capacitor.
FBN (Pin 7): Feedback Pin for Inverter. Connect feedback
resistor R2 from this pin to VNEG. Choose R2 according
to:
R
V
µA
NEG
2
25
= –
Pin voltage = 0V when regulated.
RUN/SS (Pin 8): Run/Soft-Start Pin. Connect to an open-
drain transistor. The transistor must sink 1.4µA from
RUN/SS. Pull RUN/SS below 100mV to shut down the chip.
Connect a capacitor from RUN/SS to ground to program
soft-start functionality. The soft-start will slowly bring the
boost channel into regulation and then slowly bring up
the inverter. RUN/SS must be above 1.6V to allow both
channels to reach full current. If soft-start is not required,
this pin can be driven with a logic signal, but the RUN/SS
voltage must remain below VIN.
FBP (Pin 9): Feedback Pin for Boost. Connect boost
feedback resistor R1 from FBP to CAP. Choose R1 ac-
cording to:
R
V
µA
POS
1
123
25
=
–.
Pin voltage = 1.23V when regulated.
VPOS (Pin 10): Output Pin for Boost Channel. VPOS is
the collector of the output disconnect PNP. Connect the
boost load to VPOS. Connect capacitor C5 between CAP
and VPOS for stability.
Exposed Pad (Pin 11): GND. Tie directly to ground plane
through multiple vias under the package for optimum
thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com