Electronic Components Datasheet Search
  English  ▼

X  

LT3487 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3487
Description  Boost and Inverting Switching Regulator for CCD Bias
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3487 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3487 Datasheet HTML 5Page - Linear Technology LT3487 Datasheet HTML 6Page - Linear Technology LT3487 Datasheet HTML 7Page - Linear Technology LT3487 Datasheet HTML 8Page - Linear Technology LT3487 Datasheet HTML 9Page - Linear Technology LT3487 Datasheet HTML 10Page - Linear Technology LT3487 Datasheet HTML 11Page - Linear Technology LT3487 Datasheet HTML 12Page - Linear Technology LT3487 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LT3487
9
3487f
Table 2. Recommended Ceramic Capacitor Manufacturers
MANUFACTURER
PHONE
URL
Taiyo Yuden
(408) 573-4150
www.t-yuden.com
Murata
(814) 237-1431
www.murata.com
Kemet
(408) 986-0424
www.kemet.com
Inrush Current
The LT3487 uses internal Schottky diodes. When a sup-
ply voltage is abruptly applied to the VIN pin, the voltage
difference between VIN and VCAP generates inrush current
flowing from the input through the inductor L1 and the
internal Schottky diode DP to charge the boost output
capacitor C4. For the inverting channel, there is a similar
inrush current flowing from the input through the inductor
L2 path, charging the flying capacitor C2 and returning
through the internal Schottky diode DN. The maximum
current the Schottky diodes in the LT3487 can sustain is
2A. The selection of inductor and capacitor values should
ensure that the peak inrush current is below 2A. The peak
inrush current can be calculated as follows:
I
V
L
eSIN
P
IN
=
⎛
⎝⎜
⎞
⎠⎟
–.
•
•
•
arctan
–
•arctan
06
ω
α
ω
ω
α
ω
ω
α
α
ω
⎛
⎝⎜
⎞
⎠⎟
⎡
⎣
⎢
⎤
⎦
⎥
=
+
=
r
L
LC
r
L
15
2
1
4
2
.
•
•
–
•
where L is the inductance, r is the resistance of the inductor
and C is the output capacitance. For low DCR inductors,
which is usually the case for this application, the peak
inrush current can be simplified as follows:
I
V
L
e
P
IN
=
⎛
⎝⎜
⎞
⎠⎟
–.
•
•
–•
06
2
ω
α
ω
π
Table 3 gives inrush peak currents for some component
selections. Note that inrush current is not a concern if the
input voltage rises slowly.
Table 3. Inrush Peak Current
VIN (V)
R (
Ω)
L (μH)
C (μF)
IP (A)
5
0.18
10
4.7
1.44
5
0.235
15
2.2
1.06
3.6
0.18
10
4.7
0.979
3.6
0.245
10
4.7
0.958
3.6
0.345
15
2.2
0.704
External Diode Selection
As stated previously, the LT3487 has internal Schottky
diodes. The Schottky diode, DP, is sufficient for most
step-up applications. However, for high current inverter
applications, a properly selected external Schottky diode in
parallel with DN can improve efficiency. For external diode
selection, both forward voltage drop and diode capacitance
need to be considered. Schottky diodes rated for higher
current usually have lower forward voltage drops and
larger capacitance, which can cause significant switching
losses at a 2MHz switching frequency. Some recommended
Schottky diodes are listed in Table 4.
APPLICATIO S I FOR ATIO
Table 4. Recommended Schottky Diodes
PART NUMBER
FORWARD CURRENT (mA)
FORWARD VOLTAGE DROP (V)
DIODE CAPACITANCE
(pF at 10V)
MANUFACTURER
PMEG2010AEB
1000
0.51
7.5
Philips
www.semiconductors.
philips.com
CMDSH2-3
200
0.49
15
Central Semiconductor
www.centralsemi.com
RSX051VA-30
500
0.35
30
ROHM
www.rohm.com
ZHCS400
400
0.425
18
Zetex
www.zetex.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com