Electronic Components Datasheet Search
  English  ▼

X  

LT3487 Datasheet(PDF) 16 Page - Linear Technology

Part # LT3487
Description  Boost and Inverting Switching Regulator for CCD Bias
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3487 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT3487 Datasheet HTML 8Page - Linear Technology LT3487 Datasheet HTML 9Page - Linear Technology LT3487 Datasheet HTML 10Page - Linear Technology LT3487 Datasheet HTML 11Page - Linear Technology LT3487 Datasheet HTML 12Page - Linear Technology LT3487 Datasheet HTML 13Page - Linear Technology LT3487 Datasheet HTML 14Page - Linear Technology LT3487 Datasheet HTML 15Page - Linear Technology LT3487 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LT3487
16
3487f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2006
LT 0406 • PRINTED IN USA
PART NUMBER
DESCRIPTION
COMMENTS
LT1944/LT1944-1
Dual Output 350mA/100mA ISW, Constant Off-Time,
High Efficiency DC/DC Converter
VIN: 1.2V to 15V, VOUT(MAX) = 34V, IQ = 20µA, ISD < 1µA, 10-Lead
MS Package
LT1945
Dual Output, Boost/Inverter, 350mA ISW, Constant Off-Time,
High Efficiency DC/DC Converter
VIN: 1.2V to 15V, VOUT(MAX) = ±34V, IQ = 40µA, ISD < 1µA, 10-Lead
MS Package
LT1947
Triple Output, 3MHz, High Efficiency DC/DC Converter
VIN: 2.6V to 8V, VOUT(MAX) = ±34V, IQ = 9.5mA, ISD < 1µA, 10-Lead
MS Package
LTC®3450
Triple Output, 550kHz, High Efficiency DC/DC Converter
VIN: 1.4V to 4.6V, VOUT(MAX) = ±15V, IQ = 75µA, ISD < 2µA,
DFN Package
LT3463/LT3463A
Dual Output, Boost/Inverter, 250mA ISW, Constant Off-Time,
High Efficiency DC/DC Converter with Integrated Schottkys
VIN: 2.2V to 16V, VOUT(MAX) = ±40V, IQ = 2.8mA, ISD < 1µA,
DFN Package
LT3471
Dual Output, Boost/Inverter, 1.3A ISW, 1.2MHz, High
Efficiency DC/DC Converter
VIN: 2.4V to 16V, VOUT(MAX) = ±40V, IQ = 2.5mA, ISD < 1µA,
DFN Package
LT3472/LT3472A
Dual Output, Boost/Inverter, 350mA/400mA ISW, 1.2MHz,
High Efficiency DC/DC Converter with Integrated Schottkys
VIN: 2.3V to 15V, VOUT(MAX) = ±40V, IQ = 40µA, ISD < 1µA,
DFN Package
RELATED PARTS
TYPICAL APPLICATIO
+24V and –16V LCD Bias
SWN
L2
22
µH
L1
15
µH
VIN
CAP
R1
931k
FBP
VPOS
VBAT
LT3487
GND
SWP
DN
L3
22
µH
R2 640k
C7 33pF
FBN
RUN/SS
RUN/SS
VNEG
–16V
26mA
C6
100nF
C4
10
µF
C1: TAIYO YUDEN EMK212BJ105MG
C2: TAIYO YUDEN TMK212BJ225MG
C3: TAIYO YUDEN TMK325BJ226MM
C4: TAIYO YUDEN TMK316BJ106KL-T
L1: SUMIDA CDRH2D18/HP-150NC
L2, L3: TOKO D53LC-A915AY-220M
3487 TA05
C5
100nF
C8
15pF
VPOS
24V
24mA
C1
1
µF
C2
2.2
µF
C3
22
µF
VIN
3V TO 6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com