Electronic Components Datasheet Search
  English  ▼

X  

LT3487 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3487
Description  Boost and Inverting Switching Regulator for CCD Bias
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3487 Datasheet(HTML) 5 Page - Linear Technology

  LT3487 Datasheet HTML 1Page - Linear Technology LT3487 Datasheet HTML 2Page - Linear Technology LT3487 Datasheet HTML 3Page - Linear Technology LT3487 Datasheet HTML 4Page - Linear Technology LT3487 Datasheet HTML 5Page - Linear Technology LT3487 Datasheet HTML 6Page - Linear Technology LT3487 Datasheet HTML 7Page - Linear Technology LT3487 Datasheet HTML 8Page - Linear Technology LT3487 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LT3487
5
3487f
TEMPERATURE (
°C)
–50
2.0
2.5
3.0
25
75
3487 G16
1.5
1.0
–25
0
50
100
125
0.5
0
VIN (V)
2
0
0.5
1.0
1.5
2.0
46
8
10
3487 G17
12
14
16
Output Disconnect Current Limit
Switch Current Limits
Switch Current Limits
vs Duty Cycle
Switch Current Limits vs RUN/SS
Voltage (at 55% Duty Cycle)
RUN/SS Pin Current in Shutdown
TYPICAL PERFOR A CE CHARACTERISTICS
RUN/SS Pin Current
vs VIN in Shutdown
UVLO Voltage
TEMPERATURE (
°C)
–50
100
125
150
175
200
–25
0
25
50
3487 G12
75
100
125
VCAP = 15V
VBAT = 3.6V
VPOS = 0V
TEMPERATURE (
°C)
–50
1150
25
3487 G13
1000
900
–25
0
50
850
800
1200
1100
1050
950
75
100
125
NEG CHANNEL
POS CHANNEL
DUTY CYCLE (%)
0
0
200
400
600
800
1000
1200
20
40
60
80
3487 G14
100
NEG CHANNEL
P0S CHANNEL
RUN/SS (mV)
0
0
200
400
600
800
1000
250
500
750
1000
3487 G15
1250
1500
NEG CHANNEL
P0S CHANNEL
TEMPERATURE (
°C)
–50
–25
2.0
2.2
2.5
0
50
75
3487 G18
2.1
2.4
2.3
25
100
125
TEMPERATURE (
°C)
–50
200
250
300
25
75
3487 G19
150
100
–25
0
50
100
125
50
0
RUN/SS Shutdown Threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com