Electronic Components Datasheet Search
  English  ▼

X  

LT3487 Datasheet(PDF) 14 Page - Linear Technology

Part # LT3487
Description  Boost and Inverting Switching Regulator for CCD Bias
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3487 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT3487 Datasheet HTML 8Page - Linear Technology LT3487 Datasheet HTML 9Page - Linear Technology LT3487 Datasheet HTML 10Page - Linear Technology LT3487 Datasheet HTML 11Page - Linear Technology LT3487 Datasheet HTML 12Page - Linear Technology LT3487 Datasheet HTML 13Page - Linear Technology LT3487 Datasheet HTML 14Page - Linear Technology LT3487 Datasheet HTML 15Page - Linear Technology LT3487 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LT3487
14
3487f
TYPICAL APPLICATIO S
+15V and –8V Low VIN CCD Bias
SWN
L2
15
µH
L1
10
µH
VIN
CAP
R1
549k
FBP
VPOS
VBAT
LT3487
GND
SWP
DN
L3
15
µH
R2 324k
C7 33pF
FBN
RUN/SS
RUN/SS
VNEG
–8V
80mA
C6
100nF
C4
4.7
µF
C1: TAIYO YUDEN EMK212BJ105MG
C2: TAIYO YUDEN EMK212BJ225MD-TR
C3: TAIYO YUDEN TMK325BJ226MM
C4: TAIYO YUDEN TMK316BJ475ML-TR
L1: TOKO DB318C-A997AS-100M
L2, L3: SUMIDA CDRH2D18/HP-150NC
3487 TA03
C5
100nF
C8
15pF
VPOS
15V
40mA
C1
1
µF
C2
2.2
µF
C3
22
µF
VIN
2.7V TO 5V
+15V and –8V Boost and Charge Pump CCD Bias
SWN
L2
15
µH
L1
10
µH
VIN
CAP
R1
549k
FBP
VPOS
VBAT
LT3487
GND
SWP
DN
D1
R2 324k
C7 20pF
FBN
RUN/SS
RUN/SS
VNEG
–8V
90mA
C6
100nF
C4
4.7
µF
C1: TAIYO YUDEN EMK212BJ105MG
C2: TAIYO YUDEN TMK212BJ225MG
C3: TAIYO YUDEN EMK316BJ106ML
C4: TAIYO YUDEN TMK316BJ475ML-TR
D1: PHILIPS PMEG2010AEB
L1: TOKO DB318C-A997AS-100M
L2, L3: SUMIDA CDRH2D18/HP-150NC
3487 TA04
C5
100nF
VPOS
15V
45mA
C1
1
µF
C2
2.2
µF
C3
10
µF
VIN
3V TO 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com