Electronic Components Datasheet Search
  English  ▼

X  

UM0805 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM0805
Description  EVALSPEAr600 - evaluation board for the SPEAr600
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0805 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM0805 Datasheet HTML 8Page - STMicroelectronics UM0805 Datasheet HTML 9Page - STMicroelectronics UM0805 Datasheet HTML 10Page - STMicroelectronics UM0805 Datasheet HTML 11Page - STMicroelectronics UM0805 Datasheet HTML 12Page - STMicroelectronics UM0805 Datasheet HTML 13Page - STMicroelectronics UM0805 Datasheet HTML 14Page - STMicroelectronics UM0805 Datasheet HTML 15Page - STMicroelectronics UM0805 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Block descriptions
UM0805
12/29
Doc ID 16304 Rev 3
6.4.2
Ethernet LEDs
6.5
USB 2.0 subsystem
6.5.1
Host ports
The board has two host ports that are fully compliant with the USB 2.0 specification (two
controllers with one port each). This means that the two hosts can work in concurrent mode
with the maximum possible bandwidth. Each host has also full control of the VBUS supplied
by the TPS2030 power switch that also provides overcurrent protection in case of a short
circuit in the USB cable. The ports are equipped with LEDs showing the power status of
each port. (The green LED indicates the presence of VBUS and the red one the current
limiter status).
6.5.2
Device port
A USB 2.0 device port is also provided.
6.6
Debug interface
Two debug interfaces are provided:
1.
The JTAG interface can be used for "static" debug. This means that is possible to set a
breakpoint and, when the system stops, to verify the contents of the memory and/or
registers and modify them if needed.
2.
The ETM9 interface can be used for "dynamic" debug. The ETM9 block embedded in
the SPEAr600 chip, sends all the information about the AHB transactions during code
Table 5.
Ethernet LEDs
Reference
Description
D7
Duplex Status: The LED is lit when the PHY is in Full Duplex operation after the
link is established.
D8
1000M Speed and Good Link LED: The LED output indicates that the PHY has
established a good link at 1000 Mbps.
In 1000BASE-T mode, the link is established as a result of training, Auto-
Negotiation completed, valid 1000BASE-T link established and reliable reception
of signals transmitted from a remote PHY is received.
D9
100M Speed and Good Link LED: The LED output indicates that the PHY has
established a good link at 100 Mbps.
In 100BASE-T mode, the link is established as results of an input receive
amplitude compliant with TP-PMD specifications which will result in internal
generation of Signal Detect. LINK100_LED will assert after the internal Signal
Detect has remained asserted for a minimum of 500 µs. LINK100_LED will de-
assert immediately following the de-assertion of the internal Signal Detect.
D10
10M Good Link LED: In the standard 5-LED display mode, this LED output
indicates that the PHY has established a good link at 10 Mbps.
D11
Activity LED: The LED output indicates the occurrence of either idle error or
packet transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com