Electronic Components Datasheet Search
  English  ▼

X  

UM0805 Datasheet(PDF) 18 Page - STMicroelectronics

Part # UM0805
Description  EVALSPEAr600 - evaluation board for the SPEAr600
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0805 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button UM0805 Datasheet HTML 14Page - STMicroelectronics UM0805 Datasheet HTML 15Page - STMicroelectronics UM0805 Datasheet HTML 16Page - STMicroelectronics UM0805 Datasheet HTML 17Page - STMicroelectronics UM0805 Datasheet HTML 18Page - STMicroelectronics UM0805 Datasheet HTML 19Page - STMicroelectronics UM0805 Datasheet HTML 20Page - STMicroelectronics UM0805 Datasheet HTML 21Page - STMicroelectronics UM0805 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
User manual and board schematic
UM0805
18/29
Doc ID 16304 Rev 3
11
User manual and board schematic
The user manual and board schematic are available on www.st.com/spear.
12
Evaluation board bill of materials (BOM)
Reference: SPEAr600 BOM Board Rev7 (Sept. 11, 2009)
Table 11.
Capacitors
Item
Qty
Reference
Part
Manufacturer
Manufacturer P/N
198
C1, C2, C3, C4, C5, C6, C7,
C8, C9, C10, C11, C12, C13,
C14, C15, C17, C18, C19,
C23, C24, C25, C26, C27,
C28, C29, C30, C31, C32,
C39, C40, C41, C42, C44,
C45, C46, C47, C48, C49,
C50, C52,C53, C54, C55, C56,
C57,C66, C88, C89, C90,
C114, C115, C116, C117,
C118, C119, C120, C121,
C122, C123, C124, C125,
C126, C127, C128, C129,
C130,C131, C132, C133,
C134, C136, C139, C143,
C146, C147, C148, C149,
C150, C151, C152, C153,
C154, C155,C156, C157,
C158, C159, C160, C161,
C162, C163, C164, C166,
C167, C168, C175, C176,
C177
.1uF
KEMET
Electronics
C0402C104K8PA
C7867
213
C16, C21, C71, C74, C78,
C83, C84, C85, C86, C91,
C92, C173, C174
10nF
KEMET
Electronics
C0603C103K5RA
C
336
C20, C22, C33, C34, C43,
C51, C58, C60, C61, C62,
C63, C64, C65, C67, C68,
C72, C73, C75, C82, C87,
C93, C94, C95, C96, C97,
C98, C99, C100, C113, C135,
C169, C170, C171, C172,
C178, C179
.1uF
VITRAMON
MR-
VJ0603Y104KX
4
4
C37, C38, C79, C80
15pF
MURATA
GRM1885C1H150
JZ01D
5
2
C35, C36,
10pF
MURATA
GRM1885C1H100
JA01D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com