Electronic Components Datasheet Search
  English  ▼

X  

UM0805 Datasheet(PDF) 19 Page - STMicroelectronics

Part # UM0805
Description  EVALSPEAr600 - evaluation board for the SPEAr600
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0805 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button UM0805 Datasheet HTML 15Page - STMicroelectronics UM0805 Datasheet HTML 16Page - STMicroelectronics UM0805 Datasheet HTML 17Page - STMicroelectronics UM0805 Datasheet HTML 18Page - STMicroelectronics UM0805 Datasheet HTML 19Page - STMicroelectronics UM0805 Datasheet HTML 20Page - STMicroelectronics UM0805 Datasheet HTML 21Page - STMicroelectronics UM0805 Datasheet HTML 22Page - STMicroelectronics UM0805 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
UM0805
Evaluation board bill of materials (BOM)
Doc ID 16304 Rev 3
19/29
6
2
C77, C76
22uF
KEMET
Electronics
C1210C226Z8VA
C
71
C101
220uF 50V
+/- 20% YK
RUBYCON
8
1
C102
1uF 25V
KEMET
Electronics
C0805C105Z3VA
C
97
C103, C108, C110, C112,
C138, C140, C142
10uF
KEMET
Electronics
C1210C106Z4VA
C
10
1
C104
22nF
KEMET
Electronics
C0603C223K5RA
C
11
2
C145,C105
100uF 6.3V
Tantalum
AVX
TPSC107K006R0
150
12
1
C106
220pF
KEMET
Electronics
C0603C221J5GA
C
13
30
C107, C109, C111, C137,
C180, C181, C182, C183,
C184, C185, C186, C187,
C188, C189, C190, C191,
C192, C193, C194, C195,
C196, C197, C198, C199,
C200, C201, C202, C203,
C204, C205
1uF
KEMET
Electronics
C0603C105K8PA
C7867
14
1
C141
1nF
KEMET
Electronics
C0603C102K5RA
C
15
1
C144
100uF 16V
Table 12.
Diodes, connectors, inductors and transistors
Item
Qty
Reference
Part
Manufacturer
Manufacturer P/N
16
4
D1, D3, D6, D13
LED Green
KINGBRIGHT
KP-2012SGC
17
2
D2, D4
LED Red
KINGBRIGHT
KP-2012SRC-PRV
18
6
D5, D7, D8, D9, D10,
D11
LED Yellow
KINGBRIGHT
KP-2012SYC
19
1
D12
STPS2L60
STM
STPS2L60A
20
1
D14
BAV70
On Semiconductor
BAV70E6327
21
6
GTP1, GTP2, GTP3,
GTP4, GTP5, GTP6
GTP
VERO Technologies
20-2136
22
4
JP1, JP2, JP3, JP4
Jumper
TYCO Electronics
AMP
5-826629-0
23
13
JP5, JP6, JP7, JP8,
JP9, JP10, JP11, JP12,
JP13,J P14, JP15,
JP16, JP17
Jumper3
TYCO Electronics
AMP
5-826629-0
24
1
J1
YTQ-150-01-F SAMTEC
TMMS-150-01-FM-
Q-FS
25
1
J2
USB Device
SAMTEC
USB-B-S-F-B-TH
Table 11.
Capacitors (continued)
Item
Qty
Reference
Part
Manufacturer
Manufacturer P/N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com