Electronic Components Datasheet Search
  English  ▼

X  

UM0805 Datasheet(PDF) 20 Page - STMicroelectronics

Part # UM0805
Description  EVALSPEAr600 - evaluation board for the SPEAr600
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0805 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button UM0805 Datasheet HTML 16Page - STMicroelectronics UM0805 Datasheet HTML 17Page - STMicroelectronics UM0805 Datasheet HTML 18Page - STMicroelectronics UM0805 Datasheet HTML 19Page - STMicroelectronics UM0805 Datasheet HTML 20Page - STMicroelectronics UM0805 Datasheet HTML 21Page - STMicroelectronics UM0805 Datasheet HTML 22Page - STMicroelectronics UM0805 Datasheet HTML 23Page - STMicroelectronics UM0805 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
Evaluation board bill of materials (BOM)
UM0805
20/29
Doc ID 16304 Rev 3
26
2
J3, J4
USB Host1-2
MOLEX Electronics
89485-8000
27
2
J5, J6
Mictor
5767061-1
TYCO Electronics
AMP
5767061-1
28
1
J7
CON22A
TYCO Electronics
AMP
5-826925-0
29
2
J18, J8
CON20A
TYCO Electronics
AMP
2-1634688-0
30
1
J9
BatCon
MOLEX Electronics
53047-0210
31
1
J14
Jumper2x2
TYCO Electronics
AMP
5-826925-0
32
1
J15
CON4
TYCO Electronics
AMP
5-826629-0
33
1
J16
CON10A
TYCO Electronics
AMP
1-1634688-0
34
1
J17
CON20A
TYCO Electronics
AMP
5-826925-0
35
1
J19
CON12
TYCO Electronics
AMP
5-826629-0
36
1
J20
CON10A
TYCO Electronics
AMP
5-826925-0
37
1
J21
CON30A
SAMTEC
CLP-115-02-L-D
38
1
J22
CON50A
SAMTEC
SFM-125-02-S-D
39
1
J25
JK065401NL
PULSE
JK065401NL
40
1
J26
TAP_2.5mm
CLIFF Electronics
FC681491
41
1
J27
CON6
TYCO Electronics
AMP
5-826629-0
42
1
L1
33uH
COILCRAFT
DO3316P-333MLB
43
1
L2
6.8uH
COILCRAFT
MSS6132-682MLC
44
2
L4, L3
BLM18AG102
SN1D
MURATA
BLM18AG102SN1D
45
1
P1
CON. DB9
Male
TYCO Electronics
AMP
5747840-2
46
2
Q1, Q2
BCR112
INFINEON
BCR112E6327
47
1
Q3
BC848
INFINEON
BC848CE6327
Table 13.
Resistors
Item
Qty
Reference
Part
Manufacturer
Manufacturer P/N
48
6
R37, R44, R71, R77,
R78, R79
1K
TYCO Electronics UK CRG0603F1K0
49
3
R2, R3, R46
121K 1%
Table 12.
Diodes, connectors, inductors and transistors
Item
Qty
Reference
Part
Manufacturer
Manufacturer P/N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com