Electronic Components Datasheet Search
  English  ▼

X  

LT6556 Datasheet(PDF) 1 Page - Linear Technology

Part # LT6556
Description  750MHz Gain of 1 Triple 2:1Video Multiplexer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6556 Datasheet(HTML) 1 Page - Linear Technology

  LT6556 Datasheet HTML 1Page - Linear Technology LT6556 Datasheet HTML 2Page - Linear Technology LT6556 Datasheet HTML 3Page - Linear Technology LT6556 Datasheet HTML 4Page - Linear Technology LT6556 Datasheet HTML 5Page - Linear Technology LT6556 Datasheet HTML 6Page - Linear Technology LT6556 Datasheet HTML 7Page - Linear Technology LT6556 Datasheet HTML 8Page - Linear Technology LT6556 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT6556
1
6556f
LT6556
V+
V–
RINA
GINA
BINA
RINB
GINB
BINB
75Ω
75Ω
75Ω
75Ω
75Ω
75Ω
VREF
6556 TA01
AGND
ENABLE
DGND
1k
ROUT
1k
GOUT
1k
BOUT
×1
×1
×1
SELECT A/B
TIME (ns)
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
4
8
12
16
6556 TA02
20
2
0
6
10
14
18
VIN = 2VP-P
VS = ±5V
RL = 1k
TA = 25°C
750MHz Gain of 1 Triple
2:1Video Multiplexer
The LT®6556 is a high speed triple 2:1 video multiplexer
with an internally fixed gain of 1. The individual buffers
are optimized for performance with a 1k load and feature a
2VP-P –3dB bandwidth of 450MHz, making them ideal for
driving very high resolution video signals. Separate power
supply pins for each amplifier boost channel separation
to 72dB, allowing the LT6556 to excel in many high speed
applications.
While the performance of the LT6556 is optimized for dual
supply operation, it can also be operated with a single sup-
ply as low as 4.5V. Using dual 5V supplies, each amplifier
draws only 9.5mA. When disabled, the amplifiers draw
less than 330µA and the outputs become high impedance.
For applications requiring a fixed gain of 2, refer to the
LT6555 datasheet.
The LT6556 is available in 24-lead SSOP and ultra-compact
24-lead QFN packages.
■
RGB Buffers
■
UXGA Video Multiplexing
■
LCD Projectors
■
750MHz –3dB Small Signal Bandwidth
■
450MHz –3dB 2VP-P Large-Signal Bandwidth
■
120MHz ±0.1dB Bandwidth
■
High Slew Rate: 2100V/µs
■
Fixed Gain of 1; No External Resistors Required
■
72dB Channel Separation at 10MHz
■
52dB Channel Separation at 100MHz
■
–84dBc 2nd Harmonic Distortion at 10MHz, 2VP-P
■
–87dBc 3rd Harmonic Distortion at 10MHz, 2VP-P
■
Low Supply Current: 9.5mA per Amplifier
■
6.5ns 0.1% Settling Time for 2V Step
■
ISS ≤ 330µA per Amplifier When Disabled
■
Differential Gain of 0.033%, Differential Phase of 0.022°
■
Wide Supply Range: ±2.25V (4.5V) to ±6V (12V)
■
Available in 24-Lead SSOP and 24-Lead QFN Packages
RGB Multiplexer and Line Driver
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Large-Signal Transient Response


Similar Part No. - LT6556

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6556 LINER-LT6556 Datasheet
253Kb / 16P
750MHz Gain of 1 Triple 2:1Video Multiplexer
LT6556CGN LINER-LT6556CGN Datasheet
253Kb / 16P
750MHz Gain of 1 Triple 2:1Video Multiplexer
LT6556CUF LINER-LT6556CUF Datasheet
253Kb / 16P
750MHz Gain of 1 Triple 2:1Video Multiplexer
LT6556IGN LINER-LT6556IGN Datasheet
253Kb / 16P
750MHz Gain of 1 Triple 2:1Video Multiplexer
LT6556IUF LINER-LT6556IUF Datasheet
253Kb / 16P
750MHz Gain of 1 Triple 2:1Video Multiplexer
More results

Similar Description - LT6556

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL59 ONSEMI-MC100LVEL59 Datasheet
98Kb / 3P
Triple 2:1 Multiplexer
1996 REV 1
MC10E457 ONSEMI-MC10E457 Datasheet
110Kb / 5P
TRIPLE DIFFERENTIAL 2:1 MULTIPLEXER
1996 REV 2
logo
Micrel Semiconductor
SY10E457 MICREL-SY10E457_06 Datasheet
63Kb / 4P
TRIPLE DIFFERENTIAL 2:1 MULTIPLEXER
logo
Intersil Corporation
ISL59448 INTERSIL-ISL59448 Datasheet
676Kb / 14P
500MHz Triple 2:1 Gain-of-2, Multiplexing Amplifier
March 29, 2006
logo
Fairchild Semiconductor
FHP3392 FAIRCHILD-FHP3392 Datasheet
462Kb / 7P
Fixed-Gain, 짹5V, Triple 2:1, High-Speed Video Multiplexer
logo
Linear Technology
LT6555 LINER-LT6555 Datasheet
364Kb / 16P
650MHz Gain of 2 Triple 2:1Video Multiplexer
LT6556 LINER-LT6556 Datasheet
253Kb / 16P
750MHz Gain of 1 Triple 2:1Video Multiplexer
LT6555IGN LINER-LT6555IGN Datasheet
356Kb / 16P
650MHz Gain of 2 Triple 2 1Video Multiplexer
LT6555 LINER-LT6555_15 Datasheet
370Kb / 16P
650MHz Gain of 2 Triple 2:1Video Multiplexer
logo
Renesas Technology Corp
ISL59448 RENESAS-ISL59448 Datasheet
848Kb / 14P
500MHz Triple 2:1 Gain-of-2, Multiplexing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com