Electronic Components Datasheet Search
  English  ▼

X  

LT6556 Datasheet(PDF) 10 Page - Linear Technology

Part # LT6556
Description  750MHz Gain of 1 Triple 2:1Video Multiplexer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6556 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT6556 Datasheet HTML 6Page - Linear Technology LT6556 Datasheet HTML 7Page - Linear Technology LT6556 Datasheet HTML 8Page - Linear Technology LT6556 Datasheet HTML 9Page - Linear Technology LT6556 Datasheet HTML 10Page - Linear Technology LT6556 Datasheet HTML 11Page - Linear Technology LT6556 Datasheet HTML 12Page - Linear Technology LT6556 Datasheet HTML 13Page - Linear Technology LT6556 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LT6556
10
6556f
APPLICATIO S I FOR ATIO
In order to counteract any peaking in the frequency re-
sponse from driving a capacitive load, a series resistance
can be inserted in the line at the output of the part to flat-
ten the response. Figure 4 shows the frequency response
with the same 4cm trace from Figure 3, now with a 10Ω
series resistor inserted near the output pin of the ampli-
fier. Note that using a 10Ω series resistor with a 1k load
only decreases the output amplitude by 0.1dB or 1% and
has a minimal effect on the bandwidth of the system. See
the graph labeled “Maximum Capacitive Load vs Output
Series Resistor” in the Typical Performance Characteristics
section for more information.
FREQUENCY (MHz)
0.1
6
4
2
0
–2
–4
–6
1
10
100
1000
6556 F04
4cm TRACE
4cm TRACE
RS, OUT = 10Ω
VS = ±5V
VOUT = 200mVP-P
RL = 1k
TA = 25°C
Figure 4. Response vs Series Output Resistance
While the AGND pins on the LT6556 are not connected to
the amplifier circuitry, tying them to ground or another
“quiet” node significantly increases channel isolation
and is always recommended. The AGND pins do have
ESD protection and therefore should not be connected to
potentials outside the power supply range.
Low ESL/ESR bypass capacitors should be placed as close
to the positive and negative supply pins as possible. One
4700pF ceramic capacitor is recommended for both V+
and V–supply busses. Additional 470pF ceramic capacitors
with minimal trace length on each supply pin will further
improve AC and transient response as well as channel
isolation. For high current drive and large-signal transient
applications, additional 1µF to 10µF tantalums should
be added on each supply. The smallest value capacitors
should be placed closest to the package.
To maintain the LT6556’s channel isolation, it is beneficial
to shield parallel input and parallel output traces using a
ground plane or power supply traces. Vias between top-
side and backside metal may be required to maintain a
low inductance ground near the part where numerous
traces converge. See Figures 7 and 8 for photos of an
optimized layout.
Single Supply Operation
Figure 5 illustrates how to use the LT6556 with a single
supply ranging from 4.5V to 12V. Since the output range is
comparable to the input range, the DC bias point at the input
can be set anywhere between the supplies that will prevent
the AC-coupled signal from running into the output range
limits. As shown, the DC input level is mid-supply.
The only additional power dissipation in the single supply
configuration is through the resistor bias string at the input
and through any load resistance at the output. In many
cases, the output can be used to directly drive other single
supply devices without additional coupling and without
any resistive load.
1/3
LT6556
5k
5k
AGND
IN
VIN
22μF
OUT
V+
V–
4.5V TO 12V
6556 F05
Figure 5. Single Supply Configuration, One Channel Shown
Input Expansion
In applications with more than two inputs per channel,
multiple LT6556s can be connected directly together at the
outputs. Logic circuitry can be used to drive the
⎯E⎯N pins
of each LT6556 to ensure that only one set of channels is
buffered at a time. See Figure 9 for a schematic.
Since the output impedance of a disabled LT6556 is high,
adding additional channels will not resistively load an



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com