Electronic Components Datasheet Search
  English  ▼

X  

LT6556 Datasheet(PDF) 11 Page - Linear Technology

Part # LT6556
Description  750MHz Gain of 1 Triple 2:1Video Multiplexer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6556 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT6556 Datasheet HTML 7Page - Linear Technology LT6556 Datasheet HTML 8Page - Linear Technology LT6556 Datasheet HTML 9Page - Linear Technology LT6556 Datasheet HTML 10Page - Linear Technology LT6556 Datasheet HTML 11Page - Linear Technology LT6556 Datasheet HTML 12Page - Linear Technology LT6556 Datasheet HTML 13Page - Linear Technology LT6556 Datasheet HTML 14Page - Linear Technology LT6556 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LT6556
11
6556f
APPLICATIO S I FOR ATIO
enabled output. However, since the disabled LT6556 and its
traces have around 6pF of capacitance, it may be desirable
to resistively isolate the outputs of each channel to maintain
flat frequency response as shown in the graph labeled
“Maximum Capacitive Load vs Output Series Resistor” in
the Typical Performance Characteristics section.
ESD Protection
The LT6556 has reverse-biased ESD protection diodes on all
pins. If any pins are forced a diode drop above the positive
supply or a diode drop below the negative supply, large
currents may flow through these diodes. If the current is
kept below 10mA, no damage to the devices will occur.
TYPICAL APPLICATIO
RGB Multiplexer Demo Board
The DC892A Demo Board illustrates optimal routing,
bypassing and termination using the LT6556 as an
RGB video multiplexer. The schematic is shown in Figure 6.
All inputs and outputs are routed to have a characteristic
impedance of 75Ω and 75Ω input shunt and output series
terminations are connected as close to the part as pos-
sible. The board is fabricated with four layers with internal
ground and power planes.
While the 75Ω back termination resistors at the outputs
of the LT6556 minimize signal reflections in the output
traces and isolate the part from any capacitive loading in
those traces, they also contribute to gain error if the out-
put is not terminated with high impedance. For example,
if the output is terminated with a 1k load, the 75Ω back
termination will cause a 7% gain error. Decreasing the
value of the back termination resistors will decrease the
signal attenuation but may compromise the AC response.
However, connecting the LT6556 output pins to the output
traces on the DC892A board without some series resistance
is not recommended; 10Ω to 20Ω is generally sufficient.
Figures 7 and 8 show the top and bottom side board layout
and placement.
Figure 6. Demo Board Schematic
5
IN1A
4
3
2
5
IN2A
4
3
2
5
IN3A
4
3
2
5
IN1B
4
3
2
5
IN2B
4
3
2
5
IN3B
4
3
2
IN1B
AGND1
IN3A
VREF
VREF
IN2A
DGND
DGND
IN1A
AGND2
6
7
8
9
4
5
3
2
1
24
23
22
14
13
12
11
10
15
16
17
18
19
20
21
V+
OUT2
V–
OUT1
IN3B
AGND3
IN2B
V–
V+
V+
V–
OUT3
V+
SEL
EN
V+
U1 LT6556CUF
EXT
GND
1
3
2
JP5
VREF
JP12
BNC × 6
DGND
1
1
1
1
1
1
L1
L1
L1
L1
L1
L1
Z = 75
Z = 75
Z = 75
Z = 75
Z = 75
Z = 75
JP13
JP14
JP5
JP6
JP7
J3
BANANA JACK
FLOAT
AGND
1
3
2
JP2
DGND
EXT
ENABLE
1
3
2
JP1
CONTROL
1
3
VCC
SEL A/B
AB
DGND
2
JP4
SEL
R7
20k
J1
50Ω BNC
EN
5432
1
R10
75Ω
R11
75Ω
R12
75Ω
R4
75Ω
R5
75Ω
R6
75Ω
2
DUAL
NOTE:
470pF BYPASS CAPACITORS LOCATED
AS CLOSE TO PINS AS POSSIBLE
SINGLE
AGND
JP3
SUPPLY
3
1
E1
EN
E4
SEL A/B
E2
DGND
E5
VREF
E3
AGND
R8
50Ω
OPT
Z = 50
Z = 50
EN
5
OUT1
J9
1
L2
L2
L2
Z = 75
R1
75Ω
R2
75Ω
R3
75Ω
Z = 75
Z = 75
1
1
J10
J11
J4
BANANA JACK
VEE
6556 F06
4
3
2
5
OUT2
4
3
2
5
OUT3
VEE
–3.3V TO –5V
4
3
2
C1
4700pF
C10
4700pF
C7
0.33μF
10V
C2
470pF
C3
470pF
C4
10μF
16V
1206
C9
10μF
16V
1206
J2
BANANA JACK
VCC
VCC
3.3V TO 5V
C5
4700pF
C6
470pF
C8
0.33μF
10V
BNC × 3
5432
1
R9
50Ω
OPT
J8
50Ω BNC
SEL A/B
V–
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com