Electronic Components Datasheet Search
  English  ▼

X  

LT6556 Datasheet(PDF) 4 Page - Linear Technology

Part # LT6556
Description  750MHz Gain of 1 Triple 2:1Video Multiplexer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6556 Datasheet(HTML) 4 Page - Linear Technology

  LT6556 Datasheet HTML 1Page - Linear Technology LT6556 Datasheet HTML 2Page - Linear Technology LT6556 Datasheet HTML 3Page - Linear Technology LT6556 Datasheet HTML 4Page - Linear Technology LT6556 Datasheet HTML 5Page - Linear Technology LT6556 Datasheet HTML 6Page - Linear Technology LT6556 Datasheet HTML 7Page - Linear Technology LT6556 Datasheet HTML 8Page - Linear Technology LT6556 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LT6556
4
6556f
TEMPERATURE (°C)
–55
–20
–15
–10
105
6556 G05
–25
–30
–40
–15
25
65
–35
125
5
45
85
–35
0
–5
VS = ±5V
VIN = 1.5V
VIN = –1.5V
VIN = 0V
EN PIN VOLTAGE (V)
6556 G03
12
10
8
6
4
2
0
0
1.0
2.0
2.5
0.5
1.5
3.0
3.5
4.0
VS = ±5V
RL = ∞
VIN = 0V
TA = –55°C
TA = 125°C
TA = 25°C
TOTAL SUPPLY VOLTAGE (V)
04
6556 G02
1
2
3
56
7
8
9 10 11 12
12
10
8
6
4
2
0
VS = ±5V
VEN, VIN, VDGND, VSEL = 0V
TA = 25°C
TEMPERATURE (°C)
–55
–15
25
45
125
6556 G01
–35
5
65
85 105
12
10
8
6
4
2
0
VS = ±5V
RL = ∞
VIN = 0V
VEN = 0V
VEN = 4V
VEN = 0.4V
SINK CURRENT (mA)
0
–2
–1
0
80
6556 G09
–3
–4
–5
10 20 30 40 50 60 70
90 100
VS = ±5V
VIN = –4V
VVREF = –3V
TA = 125°C
TA = 25°C
TA = –55°C
SOURCE CURRENT (mA)
0
3
4
5
80
6556 G08
2
1
0
10 20 30 40 50 60 70
90 100
VS = ±5V
VIN = 4V
VVREF = 3V
TA = 125°C
TA = 25°C
TA = –55°C
TEMPERATURE (°C)
–55
0
10
20
–15
25
45
125
6556 G04
5
–35
5
65
85 105
15
25
VS = ±5V
VIN = 0V
VREF PIN VOLTAGE (V)
–2
0
2
2
6556 G07
–2
–5
–4
–1
0
1
–1.5
–0.5
0.5
1.5
5
4
–1
1
–3
3
VS = ±5V
RL = 1k
HIGH SWING
LOW SWING
TA = 125°C
TA = 125°C
TA = 25°C
TA = –55°C
TA = –55°C
TA = 25°C
EN PIN VOLTAGE (V)
0
0
–20
–40
–60
–80
–100
–120
–140
6556 G06
2
5
1
34
VS = ±5V
VDGND = 0V
TA = –55°C
TA = 25°C
TA = 125°C
Supply Current per Amplifier
vs Temperature
Supply Current per Amplifier
vs Supply Voltage
Supply Current per Amplifier
vs
⎯E⎯N Pin Voltage
Offset Voltage vs Temperature
Input Bias Current
vs Temperature
⎯E⎯N Pin Current vs ⎯E⎯N Pin Voltage
Maximum Output Voltage Swing
vs VREF Pin Voltage
Output Voltage Swing
vs ILOAD (Output High)
Output Voltage Swing
vs ILOAD (Output Low)
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com