Electronic Components Datasheet Search
  English  ▼

X  

LT6556 Datasheet(PDF) 5 Page - Linear Technology

Part # LT6556
Description  750MHz Gain of 1 Triple 2:1Video Multiplexer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6556 Datasheet(HTML) 5 Page - Linear Technology

  LT6556 Datasheet HTML 1Page - Linear Technology LT6556 Datasheet HTML 2Page - Linear Technology LT6556 Datasheet HTML 3Page - Linear Technology LT6556 Datasheet HTML 4Page - Linear Technology LT6556 Datasheet HTML 5Page - Linear Technology LT6556 Datasheet HTML 6Page - Linear Technology LT6556 Datasheet HTML 7Page - Linear Technology LT6556 Datasheet HTML 8Page - Linear Technology LT6556 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LT6556
5
6556f
FREQUENCY (MHz)
–80
–40
0
–100
–60
–20
0.1
10
100
1000
6556 G16
–120
1
VS = ±5V
VOUT = 2VP-P
RL = 1k
TA = 25°C
DRIVE IN A;
SELECT IN B
DRIVE IN B;
SELECT IN A
FREQUENCY (MHz)
–80
–40
0
–100
–60
–20
0.1
10
100
1000
6556 G17
–120
1
VS = ±5V
VOUT = 2VP-P
RL = 1k
TA = 25°C
WORST
ADJACENT
ALL CHANNELS
DRIVEN
FREQUENCY (MHz)
–3
0
3
6
0.1
10
100
1000
6555 G15
–6
1
9
VS = ±5V
VOUT = 200mVP-P
RL = 1k
TA = 25°C
CL = 15pF
CL = 0pF
CL = 6.8pF
CL = 3.3pF
CL = 10pF
FREQUENCY (MHz)
–4
–2
–1
1
3
2
0.1
10
100
1000
6556 G13
–6
1
0
–3
–5
VS = ±5V
RL = 1k
TA = 25°C
VOUT = 2VP-P
VOUT = 4VP-P
VOUT = 200mVP-P
FREQUENCY (MHz)
–0.05
0.05
0.15
–0.10
0
0.10
0.1
10
100
1000
6556 G14
–0.15
1
IN3B
IN2B
IN3A
VS = ±5V
VOUT = 200mVP-P
RL = 1k
TA = 25°C
IN1A
IN1B
IN2A
FREQUENCY (MHz)
–100
–80
–60
–40
–20
0.01
1
10
100
6556 G18
–120
0.1
0
–110
–90
–70
–50
–30
–10
VS = ±5V
VOUT = 2VP-P
RL = 1k
TA = 25°C
HD2
HD3
FREQUENCY (MHz)
20
40
70
10
30
50
60
0.001
0.1
1
10
100
6556 G12
0
0.01
±PSRR
–PSRR
+PSRR
VS = ±5V
TA = 25°C
FREQUENCY (kHz)
0.001
0.01
1
10
100
0.1
1000
100
10
1
in
VS = ±5V
TA = 25°C
en
6556 G10
6556 G11
FREQUENCY (MHz)
0.01
0.1
10
100
1000
1
1000
100
10
1
0.1
VS = ±5V
VIN = 0V
TA = 25°C
Input Noise Spectral Density
Input Impedance vs Frequency
PSRR vs Frequency
Frequency Response
vs Output Amplitude
Gain Flatness vs Frequency
Frequency Response with
Capacitive Loads
Crosstalk vs Frequency
Crosstalk vs Frequency
Harmonic Distortion vs Frequency
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com