Electronic Components Datasheet Search
  English  ▼

X  

LT6556 Datasheet(PDF) 16 Page - Linear Technology

Part # LT6556
Description  750MHz Gain of 1 Triple 2:1Video Multiplexer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6556 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT6556 Datasheet HTML 8Page - Linear Technology LT6556 Datasheet HTML 9Page - Linear Technology LT6556 Datasheet HTML 10Page - Linear Technology LT6556 Datasheet HTML 11Page - Linear Technology LT6556 Datasheet HTML 12Page - Linear Technology LT6556 Datasheet HTML 13Page - Linear Technology LT6556 Datasheet HTML 14Page - Linear Technology LT6556 Datasheet HTML 15Page - Linear Technology LT6556 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LT6556
16
6556f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2005
LT/TP 0805 500 • PRINTED IN USA
PART NUMBER
DESCRIPTION
COMMENTS
LT1203
150MHz Single 2:1 Multiplexer
Single SPDT Video Switch
LT1399
300MHz Triple Current Feedback Amplifier
0.1dB Gain Flatness to 150MHz, Shutdown
LT1675
250MHz Triple RGB Multiplexer
100MHz Pixel Switching, 1100V/µs Slew Rate, 16-Lead SSOP
LT6550/LT6551
3.3V Triple and Quad Video Buffers
110MHz Gain of 2 Buffers in MS Package
LT6553
650MHz Gain of 2 Triple Video Amplifier
Same Pinout as the LT6554 but Optimized for Driving 75Ω Cables
LT6554
650MHz Gain of 1 Triple Video Amplifier
Performance Similar to the LT6556 with One Set of Inputs, 16-Lead SSOP
LT6555
650MHz Gain of 2 Triple Video Multiplexer
Same Pinout as the LT6556 but Optimized for Driving 75Ω Cables
RELATED PARTS
TYPICAL APPLICATIO
×1
LT6556 #1
V+
IN1A
RED 1
GREEN 1
BLUE 1
RED 2
GREEN 2
BLUE 2
75Ω
75Ω
IN1B
×1
IN2A
75Ω
75Ω
75Ω
75Ω
IN2B
×1
IN3A
IN3B
SEL
OUT3
OUT2
OUT1
–2V
GOUT
AGND
OUT1
OUT2
EN
5V
DGND
V–
VREF
×1
LT6556 #2
V+
IN1A
RED 3
GREEN 3
BLUE 3
RED 4
GREEN 4
BLUE 4
SEL0
SEL1
75Ω
75Ω
IN1B
×1
IN2A
75Ω
75Ω
75Ω
75Ω
IN2B
×1
IN3A
IN3B
SEL
OUT3
–2V
AGND
EN
5V
DGND
6556 F09
V–
VREF
ROUT
BOUT
NC7SZ14
SEL1
0
0
1
1
SEL0
0
1
0
1
OUTPUT
1
2
3
4
Figure 9. 4:1 RGB Multiplexer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com