Electronic Components Datasheet Search
  English  ▼

X  

AN4312 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4312
Description  Guidelines for designing touch sensing applications with surface sensors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4312 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4312 Datasheet HTML 7Page - STMicroelectronics AN4312 Datasheet HTML 8Page - STMicroelectronics AN4312 Datasheet HTML 9Page - STMicroelectronics AN4312 Datasheet HTML 10Page - STMicroelectronics AN4312 Datasheet HTML 11Page - STMicroelectronics AN4312 Datasheet HTML 12Page - STMicroelectronics AN4312 Datasheet HTML 13Page - STMicroelectronics AN4312 Datasheet HTML 14Page - STMicroelectronics AN4312 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
DocID024815 Rev 1
11/36
AN4312
Main capacitive sensing guidelines
35
Figure 6. FR4 (2-sided epoxy-fiberglass)
2.2.3
Panel materials
You can choose the panel material which best suits your application. This panel material
MUST NOT be conductive. The material characteristics impact the sensor performance,
particularly the sensitivity.
Dielectric constant
The panel is the main item of the capacitor dielectric between the finger and the electrode.
Its dielectric constant (εR) differentiates a material when it is placed in an electric field. The
propagation of the electric field inside the material is given by this parameter. The higher the
dielectric constant, the better the propagation.
Glass has a higher εR than most plastics (see Table 3). Higher numbers mean that the fields
will propagate through more effectively. Thus a 5 mm panel with an εR of 8 will perform
similarly in sensitivity to a 2.5 mm panel with a relative epsilon of 4, all other factors being
equal.
A plastic panel up to 10 mm thick is quite usable, depending on touchkey spacing and size.
The circuit sensitivity needs to be adjusted during development to compensate for panel
thickness, dielectric constant and electrode size.
The thicker a given material is, the worse the SNR. For this reason, it is always better to try
and reduce the thickness of the front panel material. Materials with high relative dielectric
constants are also preferable for front panels as they help to increase SNR.
Table 3. Dielectric constants of common materials used in a panel construction
Material
εR
Air
1.00059
Glass
4 to 10
Sapphire glass
9 to 11
Mica
4 to 8
Nylon
3
Plexiglass
3.4
Polyethylene
2.2
Polystyrene
2.56
Polyethylene terephthalate (PET)
3.7
FR4 (fiberglass + epoxy)
4.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com