Electronic Components Datasheet Search
  English  ▼

X  

AN4312 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4312
Description  Guidelines for designing touch sensing applications with surface sensors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4312 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4312 Datasheet HTML 13Page - STMicroelectronics AN4312 Datasheet HTML 14Page - STMicroelectronics AN4312 Datasheet HTML 15Page - STMicroelectronics AN4312 Datasheet HTML 16Page - STMicroelectronics AN4312 Datasheet HTML 17Page - STMicroelectronics AN4312 Datasheet HTML 18Page - STMicroelectronics AN4312 Datasheet HTML 19Page - STMicroelectronics AN4312 Datasheet HTML 20Page - STMicroelectronics AN4312 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
DocID024815 Rev 1
17/36
AN4312
Surface sensor design
35
3
Surface sensor design
3.1
Touchkey sensor
A touchkey can be either touched or untouched by the user. So the information that is
managed by the microcontroller is a binary one (e.g. ‘0’ for untouched and ‘1’ for touched).
The sensor can be any shape, however it is recommended to use round or oval as these
shapes are the simplest. The libraries and hardware cells automatically compensate for
capacitance differences, but the acquisition time and processing parameters can be
optimized if the electrodes have similar capacitance. For this reason, it is recommended to
use the same shape for all electrodes. The touchkeys can be customized by the drawing on
the panel.
When designing touchkey sensors, two parameters must be taken into account:
1.
The object size to be detected
2.
The panel thickness
Regarding object size (see Figure 10), it is recommended to design a sensor in the same
range as the object to be detected. In most cases, it is a finger.
Figure 10. Sensor size
OK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com