Electronic Components Datasheet Search
  English  ▼

X  

AN4312 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4312
Description  Guidelines for designing touch sensing applications with surface sensors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4312 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4312 Datasheet HTML 8Page - STMicroelectronics AN4312 Datasheet HTML 9Page - STMicroelectronics AN4312 Datasheet HTML 10Page - STMicroelectronics AN4312 Datasheet HTML 11Page - STMicroelectronics AN4312 Datasheet HTML 12Page - STMicroelectronics AN4312 Datasheet HTML 13Page - STMicroelectronics AN4312 Datasheet HTML 14Page - STMicroelectronics AN4312 Datasheet HTML 15Page - STMicroelectronics AN4312 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
Main capacitive sensing guidelines
AN4312
12/36
DocID024815 Rev 1
Sensitivity
A useful parameter to consider with panel material and thickness (T) is the electric field
equivalent vacuum thickness TV.
Equation 2
where t is the thickness of the dielectric.
TV is the thickness of vacuum with an electric field conduction equivalent to that of the
material. The smaller it is, the easier the field can reach through. Panels with the same TV
make touchkeys with identical sensitivity. This works for both directions of course and may
be used to evaluate the touch sensitivity from the back side of the application.
For a panel built from a stack of different materials, it is possible to add the vacuum
equivalent thickness of each layer:
Equation 3
Each material has an influence on the sensitivity. So the equation can be used when, for
example, the electrodes are on the bottom surface of the PCB substrate, then the thickness
and εR of the substrate will be also factors of the global sensitivity.
2.2.4
Mechanical construction and PCB to panel bonding
In order to ensure stable touch detection, the PCB must always be at the same place on the
panel. The slightest variation, even as small as 100 microns, may lead to differences in the
signal which can be detected. This must be avoided to ensure the integrity of the touch
detection. The panel and other elements of the device must not be moved, or only as little as
possible, by the user’s finger. To avoid this kind of problem, glue, compression, co-convex
surfaces can be used to mechanically stabilize the PCB and the panel very close together.
In the list of the different ways to achieve this, we can put: heat staking plastic posts,
screws, ultrasonic welding, spring clips, non-conductive foam rubber pressing from behind,
etc.
PMMA (Poly methyl methacrylate)
2.6 to 4
Typical PSA
2.0 - 3.0 (approx.)
Table 3. Dielectric constants of common materials used in a panel construction
Material
εR
TV
t
εR
-----
=
TVSTACK
()
TV layers
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com