Electronic Components Datasheet Search
  English  ▼

X  

AN4312 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN4312
Description  Guidelines for designing touch sensing applications with surface sensors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4312 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN4312 Datasheet HTML 20Page - STMicroelectronics AN4312 Datasheet HTML 21Page - STMicroelectronics AN4312 Datasheet HTML 22Page - STMicroelectronics AN4312 Datasheet HTML 23Page - STMicroelectronics AN4312 Datasheet HTML 24Page - STMicroelectronics AN4312 Datasheet HTML 25Page - STMicroelectronics AN4312 Datasheet HTML 26Page - STMicroelectronics AN4312 Datasheet HTML 27Page - STMicroelectronics AN4312 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
Surface sensor design
AN4312
24/36
DocID024815 Rev 1
3.4.2
Interlaced patterned rotary sensors
Like for the linear sensor, the size of the rotary sensor can be increased by using the
interlaced pattern design.
This allows a smoother transition and a higher sensitivity. To cover a large range of sizes,
more teeth are added inside the rotary touch sensor rather than increasing the size of an
individual tooth.
Figure 19. Interlaced patterned rotary sensor with 3 channels / 3 electrodes
ai15093
0.2 - 0.3 mm
0.2 - 0.3 mm
0.2 - 0.3 mm
Full band width 2.0 - 4.0 mm
Tooth pitch
2.0 - 4.0 mm
2 mm
LEGEND:
Via between layers
10 % meshed ground plane
Copper electrode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com