Electronic Components Datasheet Search
  English  ▼

X  

AN4312 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN4312
Description  Guidelines for designing touch sensing applications with surface sensors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4312 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN4312 Datasheet HTML 16Page - STMicroelectronics AN4312 Datasheet HTML 17Page - STMicroelectronics AN4312 Datasheet HTML 18Page - STMicroelectronics AN4312 Datasheet HTML 19Page - STMicroelectronics AN4312 Datasheet HTML 20Page - STMicroelectronics AN4312 Datasheet HTML 21Page - STMicroelectronics AN4312 Datasheet HTML 22Page - STMicroelectronics AN4312 Datasheet HTML 23Page - STMicroelectronics AN4312 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
Surface sensor design
AN4312
20/36
DocID024815 Rev 1
3.3
Linear sensor
A linear sensor is a set of contiguous capacitive electrodes connected to the device and
placed in a single axis line. The number of electrodes is dependant of the desired size and
resolution of the sensor.
The electrodes can be arranged in 3 different ways:
•
Mono electrodes design: each channel is associated to only one electrode (see
Figure 13).
Figure 13. Mono electrodes design
•
Half-ended electrodes design: the first and the last electrodes are connected to the
same channel (usually the first one) and their width is half the width of the other
electrodes. This is to ensure that all the electrodes capacitance are identical (see
Figure 14).
Figure 14. Half-Ended electrodes design
•
Dual electrodes design: all the electrodes are duplicated and interlaced together (see
Figure 15).
Figure 15. Dual electrodes design
The half-ended and dual electrodes designs are used to increased the touch area of the
sensor.
On top of that, there are 2 manners to design the electrodes pattern on the PCB:
•
Normal pattern (see Figure 16).
•
Interlaced pattern (see Figure 17.).
These 2 patterns are described in more details below.
3.3.1
Normal patterned linear sensor
With a normal patterned half-ended linear sensor (see Figure 16), the linearity is limited due
to the ratio square width versus finger touch area. To improve the linearity, to get a smoother
transition between items and to increase the resolution, it is recommended to use an
interlaced patterned electrodes design with crisscross teeth as shown in Figure 17.
MS32445V1
Ch1
Ch2
Ch3
MS32446V1
Ch1
Ch2
Ch3
Ch1
MS32447V1
Ch1
Ch2
Ch3
Ch4
Ch5
Ch1
Ch3
Ch5
Ch2
Ch4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com