| Electronic Components Datasheet Search |
|
UPD7225 Datasheet(PDF) 5 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD7225 Datasheet(HTML) 5 Page - NEC |
|
5 / 52 page ![]() Data Sheet S14308EJ6V0DS00 5 µµµµPD7225 1. PIN FUNCTIONS 1.1 SI (Serial Input) …… …… …… ……Input This pin is used for inputting serial data (commands/data). Data to be displayed as well as 19 deffernet commands for controlling the operation of the µPD7225 can be input to this pin. 1.2 /SCK (Serial Clock) …… …… …… ……Input This pin is used for inputting the shift clock for serial data (SI input). The content of the SI input is read into the serial register at the rising edge of this clock one bit at a time. /SCK input is effective when /CS = 0 and /BUSY = 1. If /BUSY = 0, this input is ignored. If /CS = 1, this signal is ignored regardless of the /BUSY status. 1.3 C, /D (Command/Data) …… …… …… ……Input This input indicates whether the signal input from the SI pin is a command or data. A low level indicates data; a high level indicates a command. 1.4 /BUSY …… …… …… ……Tri-state output This is an active-low output pin that is used to control serial data input disable/enable. A low level disables serial data input; a high level enables serial data input. This pin becomes high impedance when /CS = 1. 1.5 /CS (Chip Select) …… …… …… ……Input When /CS is changed from high level to low level, the SCK counter in the µPD7225 is cleared and serial data input is enabled. At the same time, the data pointer is initialized to address 0. When /CS is set to high level after serial data is input, the contents of the data memory are transferred to the display latch and displayed on the LCD. 1.6 /SYNC (SYNChronous) …… …… …… ……Input/Output The /SYNC pin is used to make a wired-OR connection when the common pins are shared or when blinking operation is synchronized in a multi-chip configuration. When the µPD7225 is reset (/RESET = 0), the /SYNC pin outputs the clock frequency (fCL) divided by four (refer to Figure 1-1), and synchronizes the system clock (fCL/4) of the µPD7225. When the reset is released (/RESET =1), the display timing of each µPD7225 is synchronized with the common drive signal timing shown in Figure 1-2. Figure 1-1. /SYNC Pin Status During Reset (/RESET = 0) fCL /SYNC |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |