Electronic Components Datasheet Search
  English  ▼

X  

UPD7225 Datasheet(PDF) 23 Page - NEC

Part # UPD7225
Description  PROGRAMMABLE LCD CONTROLLER/DRIVER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD7225 Datasheet(HTML) 23 Page - NEC

Back Button UPD7225 Datasheet HTML 19Page - NEC UPD7225 Datasheet HTML 20Page - NEC UPD7225 Datasheet HTML 21Page - NEC UPD7225 Datasheet HTML 22Page - NEC UPD7225 Datasheet HTML 23Page - NEC UPD7225 Datasheet HTML 24Page - NEC UPD7225 Datasheet HTML 25Page - NEC UPD7225 Datasheet HTML 26Page - NEC UPD7225 Datasheet HTML 27Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
Data Sheet S14308EJ6V0DS00
23
µµµµPD7225
7.
SERIAL DATA INPUT
Serial data is input to the SI pin with MSB first in synchronization with the serial clock in 8-bits units. When /CS is
set to low, the
µPD7225 sets the /BUSY to low (this initializes the SCK counter and the data pointer to 0) in order to
perform internal processing. Therefore, after the
µPD7225 completes internal processing, the first bit (MSB) should
be input in synchronization with the /SCK after the /BUSY signal is set to high. The serial data is transferred to the
serial register in bit units at the rising edge of /SCK. Inputting eight serial clocks completes the transfer of all 8 bits of
data to the serial register. At the rising edge of the eighth serial clock, the /BUSY is set to low, and the status of the
C, /D pin is clocked in to specify whether the data is a command or data. Afterwards, the contents of the serial
register are clocked into the command/data register.
When successively inputting 2 or more bytes of serial data, /CS must be set to low until all bytes of data are input.
The /BUSY is set to low each time a byte of data is input. The /BUSY becomes high when the serial data is clocked
in from the serial register to the command/data register, so that the next serial data can be input.
When input of all serial data is complete, the data memory contents can be displayed by setting /CS to high. /CS
must not be set to high while display data is being transferred (before eight clocks has elapsed.) If it becomes
necessary to interrupt serial data transfer when transferring two or more bytes of data due to an interrupt for the CPU
interrupt, execute the PAUSE TRANSFER command after checking that the byte has been transferred, then set /CS
to high. In this case, even if /CS is set to high, the contents of the data memory will not be transferred to the display
data latch.
To resume serial data transfer, set /CS to low in the same way as when initiating a normal transfer. However, in
this case, the contents of the data pointer are not cleared so that data write operation starts from the next data
memory address when serial data transfer is resumed (C, /D = 0).
Note
In a multi-chip system in which the /BUSY pins of chips are made a wired-OR connection, avoid setting the
/CS pins of two or more chips simultaneously.
Figure 7-1. Inputting Byte
Serial data
(SI pin)
High
impedance
D7
D6
D5
D0
D1
D2
High
impedance
/SCK
/CS
/BUSY
C, /D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com