Electronic Components Datasheet Search
  English  ▼

X  

UPD7225 Datasheet(PDF) 1 Page - NEC

Part # UPD7225
Description  PROGRAMMABLE LCD CONTROLLER/DRIVER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD7225 Datasheet(HTML) 1 Page - NEC

  UPD7225 Datasheet HTML 1Page - NEC UPD7225 Datasheet HTML 2Page - NEC UPD7225 Datasheet HTML 3Page - NEC UPD7225 Datasheet HTML 4Page - NEC UPD7225 Datasheet HTML 5Page - NEC UPD7225 Datasheet HTML 6Page - NEC UPD7225 Datasheet HTML 7Page - NEC UPD7225 Datasheet HTML 8Page - NEC UPD7225 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
MOS INTEGRATED CIRCUIT
µµµµPD7225
PROGRAMMABLE LCD CONTROLLER/DRIVER
DATA SHEET
Document No. S14308EJ6V0DS00 (6th edition)
(O.D. No. IC-1555)
Date Published June 1999 N CP (K)
Printed in Japan
©
1986, 1999
The mark
shows major revised points.
The
µPD7225 is a software-programmable LCD (Liquid Crystal Display) controller/driver. The µPD7225 can be
serially interfaced with the CPU in a microcomputer and can directly drive 2, 3, or 4-time division LCD. The
µPD7225
contains a segment decoder which can generate specific segment patterns. In addition, the
µPD7225 can be used to
control on/off (blinking) operation of a display.
FEATURES
• Can directly drive LCD
• Programmable time-division multiplexing
•
Static drive
•
Divide-by-2, 3, or -4 time division multiplexing
• Number of digits displayed
•
7-segment
Divide-by-4
time division ............... 16 digits
Divide-by-3
time division ............... 10 2/3 digits
Divide-by-2
time division ............... 8 digits
Static................................................. 4 digits
•
14-segment
Divide-by-4
time division ............... 8 digits
• Bias method
Static, 1/2, 1/3
• Segment decoder output
•
7-segment : Numeric characters 0 to 9, six symbols
•
14-segment : 36 alphanumeric characters, 13 symbols
• Blinking operation
• Multi-chip configuration possible
• 8-bit serials interface
75X series and 78K series compatible
• CMOS
• Single power supply
ORDERING INFORMATION
Part Number
Package
µPD7225G00
52-pin plastic QFP (14
× 14 mm)
µPD7225G01
52-pin plastic QFP (straight) (
14 mm)
µPD7225GB-3B7
56-pin plastic QFP (10
× 10 mm)
µPD7225GC-AB6
52-pin plastic QFP (14
× 14 mm)
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.


Similar Part No. - UPD7225

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD7225 RENESAS-UPD7225 Datasheet
435Kb / 50P
MOS INTEGRATED CIRCUIT
1999
UPD72255Y RENESAS-UPD72255Y Datasheet
268Kb / 18P
MOS INTEGRATED CIRCUIT
2003
UPD72255YF1-GA5 RENESAS-UPD72255YF1-GA5 Datasheet
268Kb / 18P
MOS INTEGRATED CIRCUIT
2003
UPD7225G00 RENESAS-UPD7225G00 Datasheet
435Kb / 50P
MOS INTEGRATED CIRCUIT
1999
UPD7225G01 RENESAS-UPD7225G01 Datasheet
435Kb / 50P
MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD7225

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF2105 PHILIPS-PCF2105 Datasheet
289Kb / 48P
LCD controller/driver
1998 Jul 30
logo
Sanyo Semicon Device
LC7985NA SANYO-LC7985NA Datasheet
670Kb / 30P
LCD Controller/Driver
LC7986C SANYO-LC7986C Datasheet
712Kb / 32P
LCD Controller/Driver?
logo
AMIC Technology
A31W33128 AMICC-A31W33128 Datasheet
359Kb / 34P
LCD Controller-Driver
A31W65132 AMICC-A31W65132 Datasheet
627Kb / 41P
LCD Controller-Driver
logo
Seiko Instruments Inc
S-4544A SII-S-4544A Datasheet
2Mb / 38P
LCD Controller-Driver
S-4562A SII-S-4562A Datasheet
937Kb / 14P
LCD CONTROLLER DRIVER
logo
OKI electronic componet...
ML9055A OKI-ML9055A Datasheet
377Kb / 59P
LCD Controller/Driver
logo
Motorola, Inc
PCF2104X MOTOROLA-PCF2104X Datasheet
269Kb / 56P
LCD controller/driver
logo
HYCON Technology Corpor...
HY2613 HYCON-HY2613 Datasheet
1Mb / 59P
LCD Controller Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com