Electronic Components Datasheet Search
  English  ▼

X  

UPD7225 Datasheet(PDF) 8 Page - NEC

Part # UPD7225
Description  PROGRAMMABLE LCD CONTROLLER/DRIVER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD7225 Datasheet(HTML) 8 Page - NEC

Back Button UPD7225 Datasheet HTML 4Page - NEC UPD7225 Datasheet HTML 5Page - NEC UPD7225 Datasheet HTML 6Page - NEC UPD7225 Datasheet HTML 7Page - NEC UPD7225 Datasheet HTML 8Page - NEC UPD7225 Datasheet HTML 9Page - NEC UPD7225 Datasheet HTML 10Page - NEC UPD7225 Datasheet HTML 11Page - NEC UPD7225 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
Data Sheet S14308EJ6V0DS00
8
µµµµPD7225
2.
INTERNAL SYSTEM CONFIGURATION
2.1 Serial Interface
The serial interface consists of an 8-bit serial register and a 3-bit SCK counter.
The serial register clocks in the serial data from the SI pin at the rising edge of /SCK. At the same time, the SCK
counter increments (+1) the serial clock. As a result, if an overflow occurs (when eight pulses are counted), input
from the SI pin is disabled (/BUSY = 0), and the contents of the serial register is output to the command/data register.
The /SCK should be set to high before serial data is input and after the data has been input (after eight clocks are
input to /SCK).
Serial data must be input to the SI pin beginning with MSB first.
MSB
D7
PD7225
µ
SI pin
LSB
D6
D5
D4
D3
D2
D1
D0
2.2 Command/Data Register
The command/data register latches the contents of the serial register in order to process the serial data clocked
into the serial register.
After the serial data is latched, if the clocked in data is specified as command, the
command/data register transfers its contents to the command decoder.
If specified as data the command/data
register transfers its contents to data memory or the segment decoder.
2.3 Command Decoder
When the contents of the command/data register are specified as a command (C, /D was high when data was
input), the command decoder, clocks in the contents of the command/data register and controls the
µPD7225.
2.4 Segment Decoders
The
µPD7225 has a 7-segment decoder for use with divide-by-3 and divide-by-4 time division, and a 14-segment
decoder for use divide-by-4 time division.
The 7-segment decoder can generate signals for numeric characters 0 to 9 and six different symbols. The 14-
segment decoder can generate signals for 36 alphanumeric characters and 13 different symbols. When the WITH
SEGMENT DECODER command is executed, if the contents of the command/data register are specified as data, the
contents will be input to the segment decoder, and converted to display codes, and then automatically written to the
data memory.
Whether to select the 7-segment decoder or 14-segment decoder is determined by the most
significant bit (bit 7) of the data input to the segment decoder. It the most significant bit is 0, the 7-segment decoder
will be selected. If it is 1, the 14-segment decoder will be selected. If the 7-segment decoder is selected (however,
divide-by-3 and divide-by-4 time division), the lower 4 bits (bit 3 to bit 0) of the input data (C, /D = 0) will be decoded
and written to the data memory.
If the 14- segment decoder is selected (however, divide-by-4 time division), the lower 7 bits of the input data (C, /D
= 0) will be decoded and written to the data memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com