Electronic Components Datasheet Search
  English  ▼

X  

UPD7225 Datasheet(PDF) 16 Page - NEC

Part # UPD7225
Description  PROGRAMMABLE LCD CONTROLLER/DRIVER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD7225 Datasheet(HTML) 16 Page - NEC

Back Button UPD7225 Datasheet HTML 12Page - NEC UPD7225 Datasheet HTML 13Page - NEC UPD7225 Datasheet HTML 14Page - NEC UPD7225 Datasheet HTML 15Page - NEC UPD7225 Datasheet HTML 16Page - NEC UPD7225 Datasheet HTML 17Page - NEC UPD7225 Datasheet HTML 18Page - NEC UPD7225 Datasheet HTML 19Page - NEC UPD7225 Datasheet HTML 20Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
Data Sheet S14308EJ6V0DS00
16
µµµµPD7225
All bits of each address are effective. After the data is written, the data pointer points to address n + 4.
The segment decoder output written to the data memory corresponds to segments (a to n, DP) shown in Figure
2-2 as follows:
ml
j
g
DP
c
b
a
d
e
f
0
n
k
i
h
n + 3
n + 2
n + 1
Address n
All contents of the 32
× 4-bit data memory are transferred to the 32 × 4-bit display data latch when the /CS is set
to high. In this case, if the DISPLAY ON command has been set, the contents of the display data latch are
converted to the segment drive signal in 32-bit units in synchronization with COM0-COM3 signals, and output
from the segment pins.
The figure below shows the relationship of the data memory, segment pins, and common signal selection
timing.
Figure 2-5. Data Memory, Segment Pins, and Common Signal Selection Timing
COM 0
COM 1
COM 2
COM 3
0
1
2
3
Bit
012345678
Address
9 10
28293031
S0 S1 S2 S3 S4 S5 S6 S7 S8 S9 S10
S28 S29 S30 S31
The data pointer (5 bits) specifies the address (0-31) of the data memory to which the display data will be
written (at the same time, the data pointer specifies the blinking data memory address (0-31)). The LOAD
DATA POINTER command is used to set the address to the data pointer (the data pointer can be initialized by
setting the /CS to low). When the data pointer is counted up to 31, it then becomes 0 at the next count, and
thus it repeats the operation shown below.
031
It should be noted that, if display data is written sequentially from address 0 in the divide-by-3 time division
mode, addresses 30 and 31 will not be written. However, if the data is written in the divide-by-3 time division
mode again, data will be written from addresses 30, 31, followed by 0 so that the display data previously written
to address 0 will be modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com