Electronic Components Datasheet Search
  English  ▼

X  

LTC3533 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3533
Description  2A Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3533 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3533 Datasheet HTML 3Page - Linear Technology LTC3533 Datasheet HTML 4Page - Linear Technology LTC3533 Datasheet HTML 5Page - Linear Technology LTC3533 Datasheet HTML 6Page - Linear Technology LTC3533 Datasheet HTML 7Page - Linear Technology LTC3533 Datasheet HTML 8Page - Linear Technology LTC3533 Datasheet HTML 9Page - Linear Technology LTC3533 Datasheet HTML 10Page - Linear Technology LTC3533 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC3533
7
3533f
BLOCK DIAGRAM
–
+
–
+
–
+
–
+
–
+
PWM
LOGIC
AND
OUTPUT
PHASING
GATE
DRIVERS
AND
ANTI-CROSS
CONDUCTION
GND
UVLO
4.5A
1.6V
OSC
SUPPLY
CURRENT
LIMIT
SW A
SW1
VIN
1.8V TO 5.5V
SW2
SW D
ERROR
AMP
CLAMP
1.22V
ISENSE
AMP
REVERSE
CURRENT
LIMIT
SW B
RUN
SLEEP
SW C
VOUT
FB
RUN/SS
RSS
CSS
VC
VIN
BURST
0 = BURST MODE
1 = FIXED FREQUENCY
RT
RT
3533 BD
PWM
COMPARATORS
BURST MODE
OPERATION
CONTROL
–0.5A
+
R1
R2
OPERATION
The LTC3533 provides high efficiency, low noise power
for a wide variety of handheld electronic devices. The LTC
proprietary topology allows input voltages above, below
or equal to the output voltage by properly phasing the
output switches. The error amplifier output voltage on VC
determines the output duty cycle of the switches. Since
VC is a filtered signal, it provides rejection of frequencies
well below the switching frequency. The low RDS(ON), low
gate charge synchronous switches provide high frequency
pulse width modulation control at high efficiency. High
efficiency is achieved at light loads when Burst Mode
operation is entered and the LTC3533’s quiescent current
drops to a low 40µA.
LOW NOISE FIXED FREQUENCY OPERATION
Oscillator
The frequency of operation is programmed by an external
resistor from RT to ground, according to the following
equation:
f(kHz) = 33,170/RT(k)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com