Electronic Components Datasheet Search
  English  ▼

X  

LTC3533 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3533
Description  2A Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3533 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3533 Datasheet HTML 5Page - Linear Technology LTC3533 Datasheet HTML 6Page - Linear Technology LTC3533 Datasheet HTML 7Page - Linear Technology LTC3533 Datasheet HTML 8Page - Linear Technology LTC3533 Datasheet HTML 9Page - Linear Technology LTC3533 Datasheet HTML 10Page - Linear Technology LTC3533 Datasheet HTML 11Page - Linear Technology LTC3533 Datasheet HTML 12Page - Linear Technology LTC3533 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC3533
9
3533f
OPERATION
D4SW = (150ns • f) • 100 %
where f = operating frequency, Hz.
Beyond this point the “four switch,” or buck/boost region
is reached.
Buck/Boost or Four Switch (VIN ~ VOUT)
When the control voltage, VC, is above voltage V2, switch
pair AD remain on for duty cycle DMAX_BUCK, and switch
pair AC begins to phase in. As switch pair AC phases in,
switch pair BD phases out accordingly. When VC reaches
the edge of the buck/boost range, at voltage V3, the AC
switch pair completely phase out the BD pair, and the boost
phase begins at duty cycle D4SW. The input voltage, VIN,
where the four switch region begins is given by:
VIN = VOUT(1 – D) = VOUT(1 – 150ns • f) V
The point at which the four switch region ends is given
by:
V
V
ns f
V
IN
OUT
=
−
1
150
(• )
where f = operating frequency, Hz.
Boost Region (VIN < VOUT)
Switch A is always on and switch B is always off during
this mode. When the control voltage, VC, is above volt-
age V3, switch pair CD will alternately switch to provide
a boosted output voltage. This operation is typical to a
synchronous boost regulator. The maximum duty cycle
of the converter is limited to 90% typical and is reached
when VC is above V4.
BURST MODE OPERATION
Burst Mode operation reduces the LTC3533’s quiescent
current consumption at light loads and improves overall
conversion efficiency, increasing battery life. During Burst
Mode operation the LTC3533 delivers energy to the out-
put until it is regulated and then goes into a sleep mode
where the outputs are off and the quiescent current drops
to 40µA. In this mode the output ripple has a variable
frequency component that depends upon load current,
and will typically be about 2% peak-to-peak. Burst Mode
operation ripple can be reduced slightly by using more
output capacitance. Another method of reducing Burst
Mode operation ripple is to place a small feed-forward
capacitor across the upper resistor in the VOUT feedback
divider network (as in Type III compensation).
During the period where the device is delivering energy
to the output, the peak switch current will rise to 450mA
typical and the inductor current will terminate at zero cur-
rent for each cycle. In this mode, the typical maximum
average output currents are given by:
IMAX(BURST)BUCK ≈ 225mA; VOUT < VIN
IMAX(BURST)BOOST ≈ 225mA • (VIN/VOUT); VOUT > VIN
IMAX(BURST)BUCK-BOOST ≈ 350mA; VOUT ≈ VIN, since the
input and output are connected together for most of the
cycle.
The efficiency below 1mA becomes dominated primarily
by the quiescent current. The Burst Mode operation ef-
ficiency is given by:
Efficiency
I
AI
LOAD
LOAD
≅
+
η
µ
•
40
where
η is typically 90% during Burst Mode operation
Programmable Automatic Burst Mode Operation
Burst Mode operation can be automatic or digitally con-
trolled with a single pin. In automatic mode, the LTC3533
enters Burst Mode operation at the programmed threshold
and returns to fixed frequency operation when the load
demand increases. The load current at which the mode
transition occurs is programmed using a single external
resistor from BURST to ground, according to the follow-
ing equations:
Enter Burst Mode Operation I
R
BURST
BURST
:
=
17
E
Exit Burst Mode Operation I
R
BURST
BURST
:
=
19
Where RBURST is in kΩ and IBURST is the load transition
current in Amps. Do not use values of RBURST greater
than 1M
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com