Electronic Components Datasheet Search
  English  ▼

X  

LTC3533 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3533
Description  2A Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3533 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3533 Datasheet HTML 4Page - Linear Technology LTC3533 Datasheet HTML 5Page - Linear Technology LTC3533 Datasheet HTML 6Page - Linear Technology LTC3533 Datasheet HTML 7Page - Linear Technology LTC3533 Datasheet HTML 8Page - Linear Technology LTC3533 Datasheet HTML 9Page - Linear Technology LTC3533 Datasheet HTML 10Page - Linear Technology LTC3533 Datasheet HTML 11Page - Linear Technology LTC3533 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC3533
8
3533f
OPERATION
Error Amplifier
The error amplifier is a voltage mode amplifier. The loop
compensation components are configured around the
amplifier (from FB to VC) to obtain stability of the converter.
For improved bandwidth, an additional RC feed-forward
network can be placed across the upper feedback divider
resistor. The voltage on the RUN/SS pin clamps the error
amplifier output, VC, to provide a soft-start function.
Supply Current Limits
There are two different supply current limit circuits in the
LTC3533, working consecutively, each having internally
fixed thresholds which vary inversely with VIN.
The first circuit is a current limit amplifier, sourcing cur-
rent into FB to drop the output voltage, should the peak
input current exceed 4.5A typical. This method provides a
closed loop means of clamping the input current. During
conditions where VOUT is near ground, such as during a
short circuit or startup, this threshold is cut to 750mA,
providing a fold-back feature. For this current limit feature
to be most effective, the Thevenin resistance from FB to
ground should be greater than 100k.
Should the peak input current exceed 7A typical, the second
circuit, a high speed peak current limit comparator, shuts
off PMOS switch A. The delay to output of this comparator
is typically 50ns.
Reverse Current Limit
During fixed frequency operation, the LTC3533 operates in
forced continuous conduction mode. The reverse current
limit comparator monitors the inductor current from the
output through switch D. Should this negative inductor
current exceed 500mA typical, the LTC3533 shuts off
switch D.
Four-Switch Control
Figure 1 shows a simplified diagram of how the four in-
ternal switches are connected to the inductor, VIN, VOUT
and GND.Figure 2 shows the regions of operation for the
LTC3533 as a function of the control voltage, VC.
Dependent on VC’s magnitude, the LTC3533 will operate
in either buck, buck/boost or boost mode. The four power
switches are properly phased so the transfer between op-
erating modes is continuous, smooth and transparent to
the user. When VIN approaches VOUT the buck/boost region
is entered, where the conduction time of the four switch
region is typically 150ns. Referring to Figures 1 and 2, the
various regions of operation will now be described.
Buck Region (VIN > VOUT)
Switch D is always on and switch C is always off during
this mode. When the control voltage, VC, is above volt-
age V1, switch A begins to switch. During the off time of
switch A, synchronous switch B turns on for the remainder
of the period. Switches A and B will alternate similar to a
typical synchronous buck regulator. As the control volt-
age increases, the duty cycle of switch A increases until
the maximum duty cycle of the converter in buck mode
reaches DMAX_BUCK, given by:
DMAX_BUCK = 100 – D4SW %
where D4SW = duty cycle % of the four switch range.
3
SW1
7
SW2
PMOS A
NMOS B
11
PVIN
PMOS D
NMOS C
3533 F01
9
PVOUT
L1
85%
DMAX
BOOST
DMIN
BOOST
DMAX
BUCK
DUTY
CYCLE
0%
V4 (
≈1.5V)
V3 (
≈1.15V)
BOOST REGION
BUCK REGION
BUCK/BOOST REGION
V2 (
≈1V)
V1 (
≈0.7V)
3533 F02
A ON, B OFF
PWM CD SWITCHES
D ON, C OFF
PWM AB SWITCHES
FOUR SWITCH PWM
CONTROL
VOLTAGE, VC
Figure 1. Simplified Diagram of Output Switches
Figure 2. Switch Control vs Control Voltage, VC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com