Electronic Components Datasheet Search
  English  ▼

X  

LTC3533 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3533
Description  2A Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3533 Datasheet(HTML) 5 Page - Linear Technology

  LTC3533 Datasheet HTML 1Page - Linear Technology LTC3533 Datasheet HTML 2Page - Linear Technology LTC3533 Datasheet HTML 3Page - Linear Technology LTC3533 Datasheet HTML 4Page - Linear Technology LTC3533 Datasheet HTML 5Page - Linear Technology LTC3533 Datasheet HTML 6Page - Linear Technology LTC3533 Datasheet HTML 7Page - Linear Technology LTC3533 Datasheet HTML 8Page - Linear Technology LTC3533 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC3533
5
3533f
TYPICAL PERFORMANCE CHARACTERISTICS
Switch Pins in Buck-Boost Mode
Switch Pins Entering Buck-Boost
Mode
Output Ripple at 1A Load
Load Transient Response in Fixed
Frequency Mode, No Load to 1.5A
Load Transient Response in Auto
Burst Mode, No Load to 600mA
Burst Mode Operation
Transition from Burst Mode
Operation to Fixed Frequency Mode
TA = 25°C, unless otherwise specified.
50ns/DIV
3533 G10
SW1
2V/DIV
SW2
2V/DIV
VIN = 3.3V
VOUT = 3.3V AT 500mA
50ns/DIV
3533 G11
SW1
2V/DIV
SW2
2V/DIV
VIN = 4.2V
VOUT = 3.3V AT 500mA
1
µs/DIV
3533 G12
VOUT = 3.3V, 20mV/DIV
COUT = 100µF CERAMIC
VIN = 4.2V
VIN = 3.3V
VIN = 2.7V
20
µs/DIV
3533 G15
COUT = 100µF CERAMIC
INDUCTOR
CURRENT
0.5A/DIV
VOUT
50mV/DIV
200
µs/DIV
3533 G16
COUT = 100µF CERAMIC
INDUCTOR
CURRENT
0.5A/DIV
VOUT
50mV/DIV
VOUT
100mV/DIV
IL
0.5A/DIV
100
µs/DIV
VIN = 3.6V
VOUT = 3.3V
COUT = 100µF X5R CERAMIC
3533 G13
VOUT
100mV/DIV
LOAD
0.5A/DIV
100
µs/DIV
3533 G14
VIN = 3.6V
VOUT = 3.3V
COUT = 100µF X5R CERAMIC +
100
µF LOW ESR TANTALUM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com