Electronic Components Datasheet Search
  English  ▼

X  

LTC3533 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3533
Description  2A Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3533 Datasheet(HTML) 4 Page - Linear Technology

  LTC3533 Datasheet HTML 1Page - Linear Technology LTC3533 Datasheet HTML 2Page - Linear Technology LTC3533 Datasheet HTML 3Page - Linear Technology LTC3533 Datasheet HTML 4Page - Linear Technology LTC3533 Datasheet HTML 5Page - Linear Technology LTC3533 Datasheet HTML 6Page - Linear Technology LTC3533 Datasheet HTML 7Page - Linear Technology LTC3533 Datasheet HTML 8Page - Linear Technology LTC3533 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC3533
4
3533f
TYPICAL PERFORMANCE CHARACTERISTICS
Quiescent Current vs VIN
(Fixed Frequency Mode)
Burst Mode Quiescent Current
Peak Current Limit vs
Temperature
Automatic Burst Mode Threshold
vs RBURST
Minimum Start Voltage vs
Temperature
Average Input Current Limit vs
Temperature
Frequency Change vs
Temperature
Feedback Voltage vs Temperature
Switch Pins Before Entering
Boost Mode
TA = 25°C, unless otherwise specified.
VIN (V)
2.5
4.0
5.0
3533 G01
3.0
3.5
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
5.5
2.0 MHz
1.5 MHz
1.0 MHz
0.5 MHz
NO SWITCHING
VIN (V)
2.5
3.0
3.5
4.0
4.5
3530 G02
5.0
50
45
40
35
30
25
20
15
10
5
0
5.5
TEMPERATURE (
°C)
–55
–5
–4
–2
–1
0
5
2
–15
25
45
125
3533 G03
–3
3
4
1
–35
5
65
85 105
RBURST (kΩ)
100
0
50
100
150
200
125
150
175
200
3533 G04
225
250
LEAVE Burst Mode
OPERATION
ENTER Burst Mode
OPERATION
TEMPERATURE (
°C)
–45
1.78
1.80
1.82
75
3533 G05
1.76
1.74
–5
35
–25
95
15
55
115
1.72
1.70
1.84
TEMPERATURE (
°C)
–55
5
4
3
2
1
0
–1
–2
–3
–4
–5
–15
25
45
125
3533 G06
–35
5
65
85 105
TEMPERATURE (
°C)
–55
1.056
1.058
1.062
1.064
1.066
1.076
1.070
–15
25
45
125
3533 G07
1.060
1.072
1.074
1.068
–35
5
65
85 105
TEMPERATURE (
°C)
–55
1.2100
1.2200
–15
25
45
125
3533 G08
1.2150
–35
5
65
85 105
1.2250
50ns/DIV
3533 G09
SW1
2V/DIV
SW2
2V/DIV
VIN = 2.9V
VOUT = 3.3V AT 500mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com