Electronic Components Datasheet Search
  English  ▼

X  

LTC3533 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3533
Description  2A Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3533 Datasheet(HTML) 1 Page - Linear Technology

  LTC3533 Datasheet HTML 1Page - Linear Technology LTC3533 Datasheet HTML 2Page - Linear Technology LTC3533 Datasheet HTML 3Page - Linear Technology LTC3533 Datasheet HTML 4Page - Linear Technology LTC3533 Datasheet HTML 5Page - Linear Technology LTC3533 Datasheet HTML 6Page - Linear Technology LTC3533 Datasheet HTML 7Page - Linear Technology LTC3533 Datasheet HTML 8Page - Linear Technology LTC3533 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC3533
1
3533f
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
2A Wide Input Voltage
Synchronous Buck-Boost
DC/DC Converter
The LTC®3533 is a wide VIN range, highly efficient, fixed
frequency, buck-boost DC/DC converter that operates
from input voltages above, below or equal to the output
voltage. The topology incorporated in the IC provides a
continuous transfer function through all operating modes,
making the product ideal for single cell lithium-ion/polymer
or multi-cell alkaline/NiMH applications where the output
voltage is within the input voltage range.
The LTC3533 features programmable Burst Mode opera-
tion, extended VIN and VOUT ranges down to 1.8V, and
increased output current. Switching frequencies up to
2MHz are programmed with an external resistor. The Burst
Mode threshold is programmed with a single resistor from
the BURST pin to GND.
Other features include 1µA shutdown current, short
circuit protection, programmable soft-start, current limit
and thermal shutdown. The LTC3533 is housed in the
thermally enhanced 14-lead (3mm
× 4mm × 0.75mm)
DFN package.
Efficiency
■ Regulated Output with Input Voltages Above,
Below or Equal to the Output
■ 1.8V to 5.5V (Input) and 5.25V (Output)
Voltage Range
■ 0.8A Continuous Output Current: VIN > 1.8V
■ 2A Continuous Output Current: VIN > 3V
■ Single Inductor
■ Synchronous Rectification: Up to 96% Efficiency
■ Programmable Burst Mode® Operation: IQ = 40µA
■ Output Disconnect in Shutdown
■ Programmable Frequency from 300kHz to 2MHz
■ <1µA Shutdown Current
■ Small Thermally Enhanced 14-Lead (3mm
× 4mm ×
0.75mm) DFN package
■ GSM Modems
■ Handheld Instruments
■ Digital Cameras
■ Smart Phones
■ Media Players
■ Miniature Hard Disk Drive Power
SW1
PVIN
VIN
RUN/SS
RT
SW2
PVOUT
VOUT
FB
LTC3533
10
µF
VIN
2.4V TO 4.2V
340k
6.49k
100
µF
47pF
VOUT
3.3V
1.5A
200k
0.1
µF
107k
330pF
4.7pF
3533 TA01
2.2
µH
33.2k
200k
PGND
SGND
ON
OFF
BURST
VC
, LT, LTC, LTM and Burst Mode are registered trademarks of Linear Technology
Corporation. All other trademarks are the property of their respective owners.
OUTPUT CURRENT (mA)
0.1
40
50
60
70
80
1
10
100
1000
10000
3533 TA01b
30
20
10
0
90
100
Burst Mode
OPERATION
VIN = 3.9V
VIN = 2.2V
VIN = 2.9V


Similar Part No. - LTC3533

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3533 LINER-LTC3533 Datasheet
318Kb / 16P
2A Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
LTC3533 LINER-LTC3533 Datasheet
491Kb / 28P
High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTC3533 LINER-LTC3533 Datasheet
392Kb / 28P
High Effi ciency, Synchronous, 4-Switch Buck-Boost Controller
LTC3533 LINER-LTC3533 Datasheet
210Kb / 20P
2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3533 LINER-LTC3533 Datasheet
210Kb / 20P
2.5A, 10V, Monolithic Synchronous Step-Down Regulator
More results

Similar Description - LTC3533

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3530 LINER-LTC3530 Datasheet
300Kb / 16P
Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
LTC3533 LINER-LTC3533 Datasheet
318Kb / 16P
2A Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
LTC3530EMS LINER-LTC3530EMS Datasheet
280Kb / 16P
Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
LTC3530 LINER-LTC3530_15 Datasheet
303Kb / 16P
Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
LTC3115-1 LINER-LTC3115-1_15 Datasheet
617Kb / 42P
40V, 2A Synchronous Buck-Boost DC/DC Converter
LTC3115-2 LINER-LTC3115-2_15 Datasheet
775Kb / 42P
40V, 2A Synchronous Buck-Boost DC/DC Converter
LTC3115EDHD-1 LINER-LTC3115EDHD-1 Datasheet
190Kb / 6P
40V, 2A Synchronous Buck-Boost DC/DC Converter
LTC3115EDHD-2 LINER-LTC3115EDHD-2 Datasheet
440Kb / 6P
40V, 2A Synchronous Buck-Boost DC/DC Converter
logo
Diodes Incorporated
AP3502E DIODES-AP3502E Datasheet
523Kb / 11P
2A SYNCHRONOUS DC-DC BUCK CONVERTER
Rev 2
AP3512E DIODES-AP3512E Datasheet
616Kb / 14P
18V, 2A SYNCHRONOUS DC-DC BUCK CONVERTER
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com