Electronic Components Datasheet Search
  English  ▼

X  

2128VL Datasheet(PDF) 8 Page - Lattice Semiconductor

Part # 2128VL
Description  2.5V In-System Programmable SuperFAST??High Density PLD
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

2128VL Datasheet(HTML) 8 Page - Lattice Semiconductor

Back Button 2128VL Datasheet HTML 4Page - Lattice Semiconductor 2128VL Datasheet HTML 5Page - Lattice Semiconductor 2128VL Datasheet HTML 6Page - Lattice Semiconductor 2128VL Datasheet HTML 7Page - Lattice Semiconductor 2128VL Datasheet HTML 8Page - Lattice Semiconductor 2128VL Datasheet HTML 9Page - Lattice Semiconductor 2128VL Datasheet HTML 10Page - Lattice Semiconductor 2128VL Datasheet HTML 11Page - Lattice Semiconductor 2128VL Datasheet HTML 12Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Specifications ispLSI 2128VL
8
Power Consumption
Power consumption in the ispLSI 2128VL device de-
pends on two primary factors: the speed at which the
device is operating and the number of Product Terms
used. Figure 3 shows the relationship between power
and operating speed.
Figure 3. Typical Device Power Consumption vs fmax
0127/2128VL
ICC can be estimated for the ispLSI 2128VL using the following equation:
ICC = 12 + (# of PTs * 0.46) + (# of nets * max freq * 0.0029)
Where:
# of PTs = Number of Product Terms used in design
# of nets = Number of Signals used in device
Max freq = Highest Clock Frequency to the device (in MHz)
The ICC estimate is based on typical conditions (VCC = 2.5V, room temperature) and an assumption
of two GLB loads on average exists. These values are for estimates only. Since the value of ICC is
sensitive to operating conditions and the program in the device, the actual ICC should be verified.
Notes: Configuration of eight 16-bit counters
Typical current at 2.5V, 25
° C
160
025
50
75
100
125
150
fmax (MHz)
180
200
120
100
140
ispLSI 2128VL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com