Electronic Components Datasheet Search
  English  ▼

X  

2128VL Datasheet(PDF) 12 Page - Lattice Semiconductor

Part # 2128VL
Description  2.5V In-System Programmable SuperFAST??High Density PLD
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

2128VL Datasheet(HTML) 12 Page - Lattice Semiconductor

Back Button 2128VL Datasheet HTML 8Page - Lattice Semiconductor 2128VL Datasheet HTML 9Page - Lattice Semiconductor 2128VL Datasheet HTML 10Page - Lattice Semiconductor 2128VL Datasheet HTML 11Page - Lattice Semiconductor 2128VL Datasheet HTML 12Page - Lattice Semiconductor 2128VL Datasheet HTML 13Page - Lattice Semiconductor 2128VL Datasheet HTML 14Page - Lattice Semiconductor 2128VL Datasheet HTML 15Page - Lattice Semiconductor 2128VL Datasheet HTML 16Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Specifications ispLSI 2128VL
12
Signal Configuration
ispLSI 2128VL 208-Ball fpBGA Signal Diagram
NC
1
NC
1
NC
1
NC
1
NC
1
NC
1
NC
1
NC
1
NC
1
NC
1
NC
1
NC
1
NC
1
NC
1
NC
1
NC
1
NC
1
NC
1
NC
1
NC
1
NC
1
NC
1
NC
1
NC
1
NC
1
NC
1
NC
1
NC
1
NC
1
NC
1
NC
1
GND
VCC
VCC
GND
GND GND
GND
GND
GND GND
GND
GND
GND GND
GND
GND
GND GND
GND
GND
VCC
VCC
GND
VCC
VCC
VCC
GND
VCC
VCC
VCC
IN 5
IN 4
Y2
VCC
GOE
0
TCK/
IN 3
Y1
I/O
79
I/O
82
I/O
86
I/O
90
I/O
94
I/O
96
I/O
100
I/O
104
I/O
107
I/O
110
I/O
111
I/O
109
I/O
106
I/O
102
I/O
98
I/O
95
I/O
91
I/O
88
I/O
84
I/O
81
I/O
77
I/O
76
I/O
73
I/O
75
I/O
74
VCC
I/O
70
I/O
72
I/O
71
I/O
66
I/O
68
I/O
64
I/O
65
I/O
63
I/O
62
I/O
58
I/O
56
I/O
57
VCC
I/O
55
I/O
54
I/O
53
I/O
52
I/O
51
I/O
49
I/O
48
I/O
46
I/O
43
I/O
40
I/O
36
I/O
32
I/O
29
I/O
25
I/O
22
I/O
18
I/O
47
I/O
45
I/O
42
I/O
38
I/O
34
I/O
31
I/O
27
I/O
23
I/O
20
I/O
17
I/O
16
I/O
60
I/O
61
I/O
59
I/O
67
I/O
69
I/O
78
I/O
80
I/O
83
I/O
87
I/O
97
TDO/
IN 2
I/O
101
I/O
103
I/O
99
I/O
93
I/O
89
I/O
85
I/O
105
I/O
108
I/O
112
I/O
114
I/O
117
I/O
116
I/O
115
I/O
120
I/O
119
I/O
118
VCC
IN 7
Y0
IN 6
I/O
44
I/O
50
I/O
41
I/O
37
I/O
33
TMS/
IN 1
I/O
28
I/O
24
I/O
39
I/O
35
I/O
30
I/O
26
I/O
21
I/O
19
I/O
15
BSCAN
RESET
I/O
123
I/O
122
I/O
121
I/O
127
GOE
1
I/O
125
I/O
126
I/O
124
I/O
2
I/O
4
I/O
3
I/O
6
I/O
7
I/O
8
I/O
9
I/O
10
I/O
11
I/O
12
I/O
13
I/O
14
I/O
5
I/O
1
TDI/
IN 0
I/O
0
I/O
92
I/O
113
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1. NCs are not to be connected to any active signals, Vcc or GND.
Note: Ball A1 indicator dot on top side of package.
208 BGA/2128VL
ispLSI 2128VL
Bottom View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com