Electronic Components Datasheet Search
  English  ▼

X  

2128VL Datasheet(PDF) 1 Page - Lattice Semiconductor

Part # 2128VL
Description  2.5V In-System Programmable SuperFAST??High Density PLD
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

2128VL Datasheet(HTML) 1 Page - Lattice Semiconductor

  2128VL Datasheet HTML 1Page - Lattice Semiconductor 2128VL Datasheet HTML 2Page - Lattice Semiconductor 2128VL Datasheet HTML 3Page - Lattice Semiconductor 2128VL Datasheet HTML 4Page - Lattice Semiconductor 2128VL Datasheet HTML 5Page - Lattice Semiconductor 2128VL Datasheet HTML 6Page - Lattice Semiconductor 2128VL Datasheet HTML 7Page - Lattice Semiconductor 2128VL Datasheet HTML 8Page - Lattice Semiconductor 2128VL Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
ispLSI
®
2128VL
2.5V In-System Programmable
SuperFAST™ High Density PLD
2128vL_02
1
Features
• SuperFAST HIGH DENSITY IN-SYSTEM
PROGRAMMABLE LOGIC
— 6000 PLD Gates
— 128 and 64 I/O Pin Versions, Eight Dedicated Inputs
— 128 Registers
— High Speed Global Interconnect
— Wide Input Gating for Fast Counters, State
Machines, Address Decoders, etc.
— Small Logic Block Size for Random Logic
— 100% Functional, JEDEC and Pinout Compatible
with ispLSI 2128V and 2128VE Devices
• 2.5V LOW VOLTAGE 2128 ARCHITECTURE
— Interfaces with Standard 3.3V Devices (Inputs and
I/Os are 3.3V Tolerant)
— 125 mA Typical Active Current
• HIGH PERFORMANCE E2CMOS® TECHNOLOGY
—
fmax = 150 MHz Maximum Operating Frequency
—
tpd = 6.0 ns Propagation Delay
— Electrically Erasable and Reprogrammable
— Non-Volatile
— 100% Tested at Time of Manufacture
— Unused Product Term Shutdown Saves Power
• IN-SYSTEM PROGRAMMABLE
— 2.5V In-System Programmability (ISP™) Using
Boundary Scan Test Access Port (TAP)
— Open-Drain Output Option for Flexible Bus Interface
Capability, Allowing Easy Implementation of Wired-
OR Bus Arbitration Logic
— Increased Manufacturing Yields, Reduced Time-to-
Market and Improved Product Quality
— Reprogram Soldered Devices for Faster Prototyping
• 100% IEEE 1149.1 BOUNDARY SCAN TESTABLE
• THE EASE OF USE AND FAST SYSTEM SPEED OF
PLDs WITH THE DENSITY AND FLEXIBILITY OF FPGAS
— Enhanced Pin Locking Capability
— Three Dedicated Clock Input Pins
— Synchronous and Asynchronous Clocks
— Programmable Output Slew Rate Control
— Flexible Pin Placement
— Optimized Global Routing Pool Provides Global
Interconnectivity
• ispDesignEXPERT™ – LOGIC COMPILER AND COM-
PLETE ISP DEVICE DESIGN SYSTEMS FROM HDL
SYNTHESIS THROUGH IN-SYSTEM PROGRAMMING
— Superior Quality of Results
— Tightly Integrated with Leading CAE Vendor Tools
— Productivity Enhancing Timing Analyzer, Explore
Tools, Timing Simulator and ispANALYZER™
— PC and UNIX Platforms
Functional Block Diagram*
Description
The ispLSI 2128VL is a High Density Programmable
Logic Device available in 128 and 64 I/O-pin versions.
The device contains 128 Registers, eight Dedicated
Input pins, three Dedicated Clock Input pins, two dedi-
cated Global OE input pins and a Global Routing Pool
(GRP). The GRP provides complete interconnectivity
between all of these elements. The ispLSI 2128VL fea-
tures in-system programmability through the Boundary
Scan Test Access Port (TAP) and is 100% IEEE 1149.1
Boundary Scan Testable. The ispLSI 2128VL offers non-
volatile reprogrammability of the logic, as well as the
interconnect to provide truly reconfigurable systems.
The basic unit of logic on the ispLSI 2128VL device is the
Generic Logic Block (GLB). The GLBs are labeled A0, A1
.. D7 (see Figure 1). There are a total of 32 GLBs in the
ispLSI 2128VL device. Each GLB is made up of four
macrocells. Each GLB has 18 inputs, a programmable
AND/OR/Exclusive OR array, and four outputs which can
be configured to be either combinatorial or registered.
Inputs to the GLB come from the GRP and dedicated
inputs. All of the GLB outputs are brought back into the
GRP so that they can be connected to the inputs of any
GLB on the device.
Global Routing Pool (GRP)
Output Routing Pool (ORP)
Output Routing Pool (ORP)
Output Routing Pool (ORP)
Output Routing Pool (ORP)
Logic
Array
GLB
DQ
DQ
DQ
DQ
0139A/2128VL
C7
C6
C5
C4
C3
C2
C1
C0
D3
D2
D1
D0
D7
D6
D5
D4
B4
B5
B6
B7
B0
B1
B2
B3
A0
A1
A2
A3
A4
A5
A6
A7
*128 I/O version shown
Copyright © 2000 Lattice Semiconductor Corp. All brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject
to change without notice.
LATTICE SEMICONDUCTOR CORP., 5555 Northeast Moore Ct., Hillsboro, Oregon 97124, U.S.A.
September 2000
Tel. (503) 268-8000; 1-800-LATTICE; FAX (503) 268-8556; http://www.latticesemi.com


Similar Part No. - 2128VL

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
3.3V In-System Programmable SuperFAST??High Density PLD
More results

Similar Description - 2128VL

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
2.5V In-System Programmable SuperFAST??High Density PLD
2096E LATTICE-2096E Datasheet
142Kb / 11P
In-System Programmable SuperFAST??High Density PLD
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
2.5V In-System Programmable SuperFAST??High Density PLD
2128E LATTICE-2128E Datasheet
142Kb / 11P
In-System Programmable SuperFAST??High Density PLD
ISPLSI2032E LATTICE-ISPLSI2032E Datasheet
141Kb / 14P
In-System Programmable SuperFAST High Density PLD
ISPLSI2128VE LATTICE-ISPLSI2128VE_04 Datasheet
200Kb / 20P
3.3V In-System Programmable SuperFAST??High Density PLD
2096E LATTICE-2096E_1 Datasheet
124Kb / 11P
In-System Programmable SuperFAST??High Density PLD
2064E LATTICE-2064E Datasheet
144Kb / 11P
In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
2.5V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com