Electronic Components Datasheet Search
  English  ▼

X  

2128VL Datasheet(PDF) 2 Page - Lattice Semiconductor

Part # 2128VL
Description  2.5V In-System Programmable SuperFAST??High Density PLD
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

2128VL Datasheet(HTML) 2 Page - Lattice Semiconductor

  2128VL Datasheet HTML 1Page - Lattice Semiconductor 2128VL Datasheet HTML 2Page - Lattice Semiconductor 2128VL Datasheet HTML 3Page - Lattice Semiconductor 2128VL Datasheet HTML 4Page - Lattice Semiconductor 2128VL Datasheet HTML 5Page - Lattice Semiconductor 2128VL Datasheet HTML 6Page - Lattice Semiconductor 2128VL Datasheet HTML 7Page - Lattice Semiconductor 2128VL Datasheet HTML 8Page - Lattice Semiconductor 2128VL Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Specifications ispLSI 2128VL
2
Functional Block Diagram
Figure 1. ispLSI 2128VL Functional Block Diagram (128-I/O and 64-I/O Versions)
The 128-I/O 2128VL contains 128 I/O cells, while the 64-
I/O version contains 64 I/O cells. Each I/O cell is directly
connected to an I/O pin and can be individually pro-
grammed to be a combinatorial input, output or
bi-directional I/O pin with 3-state control, and the output
drivers can source 4mA or sink 8mA. Each output can be
programmed independently for fast or slow output slew
rate to minimize overall output switching noise. Device
pins can be safely driven to 3.3V signal levels to support
mixed-voltage systems.
Eight GLBs, 32 or 16 I/O cells, two dedicated inputs and
two or one ORPs are connected together to make a
Megablock (see Figure 1). The outputs of the eight GLBs
are connected to a set of 32 or 16 universal I/O cells by
the two or one ORPs. Each ispLSI 2128VL device con-
tains four Megablocks.
The GRP has as its inputs, the outputs from all of the
GLBs and all of the inputs from the bi-directional I/O cells.
All of these signals are made available to the inputs of the
GLBs. Delays through the GRP have been equalized to
minimize timing skew.
Clocks in the ispLSI 2128VL device are selected using
the dedicated clock pins. Three dedicated clock pins (Y0,
Y1, Y2) or an asynchronous clock can be selected on a
GLB basis. The asynchronous or Product Term clock can
be generated in any GLB for its own clock.
Programmable Open-Drain Outputs
In addition to the standard output configuration, the
outputs of the ispLSI 2128VL are individually program-
mable, either as a standard totem-pole output or an
open-drain output. The totem-pole output drives the
specified Voh and Vol levels, whereas the open-drain
output drives only the specified Vol. The Voh level on the
open-drain output depends on the external loading and
pull-up. This output configuration is controlled by a pro-
grammable fuse. The default configuration is a totem-pole
configuration. The open-drain/totem-pole option is se-
lectable through the ispDesignEXPERT software tools.
Global
Routing
Pool
(GRP)
0139B/2128VL
Megablock
RESET
Input Bus
D3
D2
D1
D0
D7
D6
D5
D4
Output Routing Pool (ORP)
Output Routing Pool (ORP)
C7
C6
C5
C4
C3
C2
C1
C0
IN 5
IN 4
I/O 91
I/O 90
I/O 89
I/O 88
I/O 87
I/O 86
I/O 85
I/O 84
I/O 83
I/O 82
I/O 81
I/O 80
I/O 79
I/O 78
I/O 77
I/O 76
I/O 75
I/O 74
I/O 73
I/O 72
I/O 71
I/O 70
I/O 69
I/O 68
I/O 67
I/O 66
I/O 65
I/O 64
I/O 95
I/O 94
I/O 93
I/O 92
Output Routing Pool (ORP)
Output Routing Pool (ORP)
Input Bus
B4
B5
B6
B7
B0
B1
B2
B3
A0
A1
A2
A3
A4
A5
A6
A7
BSCAN
I/O 4
I/O 5
I/O 6
I/O 7
I/O 8
I/O 9
I/O 10
I/O 11
I/O 12
I/O 13
I/O 14
I/O 15
I/O 16
I/O 17
I/O 18
I/O 19
I/O 20
I/O 21
I/O 22
I/O 23
I/O 24
I/O 25
I/O 26
I/O 27
I/O 28
I/O 29
I/O 30
I/O 31
I/O 0
I/O 1
I/O 2
I/O 3
GOE 0
GOE 1
TDI/IN 0
TMS/IN 1
Generic Logic
Blocks (GLBs)
Global
Routing
Pool
(GRP)
0139B/2128VL.64IO
Megablock
RESET
Input Bus
D3
D2
D1
D0
D7
D6
D5
D4
Output Routing Pool (ORP)
C7
C6
C5
C4
C3
C2
C1
C0
IN 5*
IN 4*
I/O 43
I/O 42
I/O 41
I/O 40
I/O 39
I/O 38
I/O 37
I/O 36
I/O 35
I/O 34
I/O 33
I/O 32
I/O 47
I/O 46
I/O 45
I/O 44
Output Routing Pool (ORP)
Input Bus
B4
B5
B6
B7
B0
B1
B2
B3
A0
A1
A2
A3
A4
A5
A6
A7
BSCAN
I/O 4
I/O 5
I/O 6
I/O 7
I/O 8
I/O 9
I/O 10
I/O 11
I/O 12
I/O 13
I/O 14
I/O 15
I/O 0
I/O 1
I/O 2
I/O 3
GOE 0
GOE 1
TDI/IN 0
TMS/IN 1
*Not available on 84-PLCC Device
Generic Logic
Blocks (GLBs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com