Electronic Components Datasheet Search
  English  ▼

X  

2128VL Datasheet(PDF) 3 Page - Lattice Semiconductor

Part # 2128VL
Description  2.5V In-System Programmable SuperFAST??High Density PLD
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

2128VL Datasheet(HTML) 3 Page - Lattice Semiconductor

  2128VL Datasheet HTML 1Page - Lattice Semiconductor 2128VL Datasheet HTML 2Page - Lattice Semiconductor 2128VL Datasheet HTML 3Page - Lattice Semiconductor 2128VL Datasheet HTML 4Page - Lattice Semiconductor 2128VL Datasheet HTML 5Page - Lattice Semiconductor 2128VL Datasheet HTML 6Page - Lattice Semiconductor 2128VL Datasheet HTML 7Page - Lattice Semiconductor 2128VL Datasheet HTML 8Page - Lattice Semiconductor 2128VL Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Specifications ispLSI 2128VL
3
Absolute Maximum Ratings 1
Supply Voltage Vcc ................................ -0.5 to +4.05V
Input Voltage Applied ............................. -0.5 to +4.05V
Off-State Output Voltage Applied .......... -0.5 to +4.05V
Storage Temperature ................................ -65 to 150
°C
Case Temp. with Power Applied .............. -55 to 125
°C
Max. Junction Temp. (TJ) with Power Applied ... 150°C
1. Stresses above those listed under the “Absolute Maximum Ratings” may cause permanent damage to the device. Functional
operation of the device at these or at any other conditions above those indicated in the operational sections of this specification
is not implied (while programming, follow the programming specifications).
DC Recommended Operating Condition
Erase Reprogram Specifications
Capacitance (T
A=25°C, f=1.0 MHz)
C
SYMBOL
Table 2-0006/2128VL
C
PARAMETER
I/O Capacitance
6
UNITS
TYPICAL
TEST CONDITIONS
1
2
8
Dedicated Input Capacitance
pf
pf
V = 2.5V, V
= 0.0V
V = 2.5V, V = 0.0V
CC
CC
I/O
IN
C
Clock and Global Output Enable Capacitance
10
3
pf
V = 2.5V, V = 0.0V
CC
Y
Table 2-0008/2128VL
PARAMETER
MINIMUM
MAXIMUM
UNITS
Erase/Reprogram Cycles
10,000
–
Cycles
TA = 0°C to + 70°C
TA = -40°C to + 85°C
SYMBOL
Table 2-0005/2128VL
VCC
VIH
VIL
PARAMETER
Supply Voltage
Input High Voltage
Input Low Voltage
MIN.
MAX.
UNITS
2.3
2.3
1.7
-0.3
2.7
2.7
3.6
0.7
V
V
V
V
Commercial
Industrial



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com