Electronic Components Datasheet Search
  English  ▼

X  

UPD75004CU Datasheet(PDF) 3 Page - NEC

Part # UPD75004CU
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75004CU Datasheet(HTML) 3 Page - NEC

  UPD75004CU Datasheet HTML 1Page - NEC UPD75004CU Datasheet HTML 2Page - NEC UPD75004CU Datasheet HTML 3Page - NEC UPD75004CU Datasheet HTML 4Page - NEC UPD75004CU Datasheet HTML 5Page - NEC UPD75004CU Datasheet HTML 6Page - NEC UPD75004CU Datasheet HTML 7Page - NEC UPD75004CU Datasheet HTML 8Page - NEC UPD75004CU Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 66 page
background image
µPD75004, 75006, 75008
3
FUNCTIONAL OUTLINE
Item
Function
Instruction
0.95, 1.91, and 15.3
µs, (Main system clock: operating at 4.19 MHz)
Execution Time
122
µs (Subsystem clock: operating at 32.768 kHz)
4096
× 8-bit (
µPD75004)
ROM
6016
× 8-bit (
µPD75006)
8064
× 8-bit (
µPD75008)
RAM
512
× 4-bit
General-Purpose
• 4-bit manipulation: 8
Registers
• 8-bit manipulation: 4
8
CMOS Input pins
Internal pull-up resistor
specification by software
18
CMOS input/output pins
is possible. : 25
34
Can directly drive LED: 4
8
N-ch open-drain
Withstand voltage: 10V
input/output
Internal pull-up resistor
Can directly drive LED: 8
specification by mask option
is possible.
Timer/event counter
Timer
3 chs
Basic interval timer: Also serves as watchdog timer
Watch timer: Buzzer output possible
Serial
3-line serial I/O mode
Interface
2-line serial I/O mode
SBI mode
Bit Sequential
16 bits
Buffer
Clock Output Function
Φ, fx/23, fx/24, fx/26
Vector Interrupt
External: 3, Internal: 3
Test Input
External: 1, Internal: 1
System Clock
Main system clock oscillation ceramic/crystal oscillator
Oscillator
Subsystem clock oscillation crysal ocillator
Standby Function
STOP/HALT mode
Operating
–40 to +85
°C
Temperature Range
Operating Supply
2.7 to 6.0 V
Voltage
Package
42-pin plastic shrink DIP (600 mil)
44-pin plastic QFP (s
s10 mm)
Internal
Memory
I/O Port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com