Electronic Components Datasheet Search
  English  ▼

X  

UPD75004CU Datasheet(PDF) 49 Page - NEC

Part # UPD75004CU
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75004CU Datasheet(HTML) 49 Page - NEC

Back Button UPD75004CU Datasheet HTML 45Page - NEC UPD75004CU Datasheet HTML 46Page - NEC UPD75004CU Datasheet HTML 47Page - NEC UPD75004CU Datasheet HTML 48Page - NEC UPD75004CU Datasheet HTML 49Page - NEC UPD75004CU Datasheet HTML 50Page - NEC UPD75004CU Datasheet HTML 51Page - NEC UPD75004CU Datasheet HTML 52Page - NEC UPD75004CU Datasheet HTML 53Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
µPD75004, 75006, 75008
49
AC TIMING TEST POINT (excluding X1 and XT1 inputs)
CLOCK TIMING
TI0 TIMING
X1 input
VDD –0.5V
0.4 V
tXL
tXH
1/fX
XT1 input
VDD –0.5V
0.4 V
tXTL
tXTH
1/fXT
TI0
tTIL
tTIH
1/fTI
Test points
0.8 VDD
0.2 VDD
0.8 VDD
0.2 VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com