Electronic Components Datasheet Search
  English  ▼

X  

UPD75004CU Datasheet(PDF) 9 Page - NEC

Part # UPD75004CU
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75004CU Datasheet(HTML) 9 Page - NEC

Back Button UPD75004CU Datasheet HTML 5Page - NEC UPD75004CU Datasheet HTML 6Page - NEC UPD75004CU Datasheet HTML 7Page - NEC UPD75004CU Datasheet HTML 8Page - NEC UPD75004CU Datasheet HTML 9Page - NEC UPD75004CU Datasheet HTML 10Page - NEC UPD75004CU Datasheet HTML 11Page - NEC UPD75004CU Datasheet HTML 12Page - NEC UPD75004CU Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
µPD75004, 75006, 75008
9
3.
PIN FUNCTIONS
3.1
PORT PINS (1/2)
Input/
Output
Circuit
TYPE*
1
P00
P01
P02
P03
P10
P11
P12
P13
P20
P21
P22
P23
P30*2
P31*2
P32*2
P33*2
P40-43*2
P50-53*2
Pin Name Input/Output
Function
8-Bit I/O
When Reset
Also Served
As
INT4
SCK
SO/SB0
SO/SB1
INT0
INT1
INT2
TI0
PTO0
—
PCL
BUZ
—
—
—
—
—
—
4-bit input port (PORT0)
Pull-up resistors can be specified in 3-bit
units for the P01 to P03 pins by software.
With noise elimination function
4-bit input port (PORT1)
Internal pull-up resistors can be
specified in 4-bit units by software.
4-bit input/output port (PORT2)
Internal pull-up resistors can be
specified in 4-bit units by software.
Programmable 4-bit input/output port
(PORT3)
This port can be specified for input/
output in bit units.
Internal pull-up resistors can be
specified in 4-bit units by software.
N-ch open-drain 4-bit input/output port
(PORT4)
Internal pull-up resistors can be
specified in bit units. (mask option)
Resistive voltage is 10 V in the open-
drain mode.
N-ch open-drain 4-bit input/output port
(PORT5)
Internal pull-up resistors can be
specified in bit units. (mask option)
Resistive voltage is 10 V in the open-
drain mode.
Input
Input
Input
Input
High level
(with internal
pull-up
resistor) or
high imped-
ance
B
B -C
E-B
E-B
M
M
X
X
X
X
*1: Circles indicate Schmitt trigger inputs.
2: Can directly drive LED.
Input
Input/
Output
Input/
Output
Input/
Output
Input
Input/
Output
Input/
Output
Input/
Output
Input/
Output
q
q
F -A
M -C
F -B
High level
(with internal
pull-up
resistor) or
high imped-
ance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com