Electronic Components Datasheet Search
  English  ▼

X  

UPD75004CU Datasheet(PDF) 20 Page - NEC

Part # UPD75004CU
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75004CU Datasheet(HTML) 20 Page - NEC

Back Button UPD75004CU Datasheet HTML 16Page - NEC UPD75004CU Datasheet HTML 17Page - NEC UPD75004CU Datasheet HTML 18Page - NEC UPD75004CU Datasheet HTML 19Page - NEC UPD75004CU Datasheet HTML 20Page - NEC UPD75004CU Datasheet HTML 21Page - NEC UPD75004CU Datasheet HTML 22Page - NEC UPD75004CU Datasheet HTML 23Page - NEC UPD75004CU Datasheet HTML 24Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 66 page
background image
µPD75004, 75006, 75008
20
5.
PERIPHERAL HARDWARE FUNCTIONS
5.1
PORTS
I/O ports are classified into the following 3 kinds:
• CMOS input (PORT0, 1)
:
8
• CMOS input/output (PORT2, 3, 6, 7, and 8) : 18
• N-ch open-drain input/output (PORT4, 5) : 8
Total
: 34
Remarks
Multiplexed with SO/SB0,
SI/SB1, SCK, INT0-2, 4,
and TIO
Port 6 is multiplexed with
KR0 to KR3.
Port 2 is multiplexed with
PTO0, PCL, and BUZ.
Port 7 is multiplexed with
KR4-KR7.
Can be connected to a
pull-up resistor in 1-bit
units by using mask
option.
—
PORT0
PORT1
PORT3*
PORT6
PORT2
PORT7
PORT4*
PORT5*
PORT8
Function
4-bit input
4-bit input/output
4-bit input/output
(N-ch open-drain,
10 V)
2-bit input/output
Table 5-1 Port Function
Operation and Feature
Can be always read or tested regardless of opera-
tion mode of multiplexed pin.
Can be set in input or output mode in 1-bit units.
Can be set in input or output mode in 4-bit units.
Ports 6 and 7 are used in pairs to input/output data
in 8-bit units.
Can be set in input or output mode in 4-bit units.
Ports 4 and 5 are used in pairs to input/output data
in 8-bit units.
Can be set input or output mode in 2-bit units.
*: Can directly drive LED.
Port Name
(Symbol)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com