Electronic Components Datasheet Search
  English  ▼

X  

UPD75004CU Datasheet(PDF) 45 Page - NEC

Part # UPD75004CU
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75004CU Datasheet(HTML) 45 Page - NEC

Back Button UPD75004CU Datasheet HTML 41Page - NEC UPD75004CU Datasheet HTML 42Page - NEC UPD75004CU Datasheet HTML 43Page - NEC UPD75004CU Datasheet HTML 44Page - NEC UPD75004CU Datasheet HTML 45Page - NEC UPD75004CU Datasheet HTML 46Page - NEC UPD75004CU Datasheet HTML 47Page - NEC UPD75004CU Datasheet HTML 48Page - NEC UPD75004CU Datasheet HTML 49Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 66 page
background image
µPD75004, 75006, 75008
45
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Supply Current *1 IDD1
4.19 MHz*4
VDD = 5.0 V
±10%*2
2.5
8
mA
crystal oscillator
VDD = 3.0 V
±10%*3
0.35
1.2
mA
IDD2
C1 = C2 = 22pF
HALT mode
VDD = 5 V
±10%
500
1500
µA
VDD = 3 V
±10%
150
450
µA
IDD3
32.768 kHz*5
VDD = 3 V
±10%
30
90
µA
IDD4
crystal oscillator
HALT mode
VDD = 3 V
±10%
5
15
µA
IDD5
XT1 = 0 V
VDD = 5 V
±10%
0.5
20
µA
STOP mode
VDD = 3 V
±10%
0.1
10
µA
Ta = 25
°C
0.1
5
µA
*1: Current for the built-in pull-up resistor is not included.
2: When operand in the high-speed mode with the processor clock control register (PCC) set to 0011.
3: When operated in the low-speed mode with the PCC set to 0000.
4: Including when the subsystem clock is operated.
5: When operated with the subsystem clock by setting the system clock control register (SCC) to 1011
to stop the main system clock operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com